Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIK2576T-15 Datasheet (PDF) - Estek Electronics Co. Ltd

MIK2576T-15 Datasheet PDF - Estek Electronics Co. Ltd
Part # MIK2576T-15
Download  MIK2576T-15 Download
File Size   200.5 Kbytes
Page   8 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description Simple high-efficiency step-down (buck) regulator

MIK2576T-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIK2576T-15 Datasheet PDF - Estek Electronics Co. Ltd

Part # MIK2576T-15
Download  MIK2576T-15 Click to download

File Size   200.5 Kbytes
Page   8 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description Simple high-efficiency step-down (buck) regulator

MIK2576T-15 Datasheet (HTML) - Estek Electronics Co. Ltd


MIK2576T-15 Product details

Description
The MIK2576 series of regulators are monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving 3A load with excellent line and load regulation. These devices are available in fixed output voltages of 3.3V, 5V, 12V, 15V, and an adjustable output versions.
   
Features
• 3.3V, 5V, 12V, 15V, and adjustable output versions
• Adjustable version output voltage range
• 1.23V to 37V (57V for HV version) ±4% max over line
    and load conditions
• Guaranteed 3A output current
• Wide input voltage range, 40V up to 60V for HV
    version
• Requires only 4 external components
• 52 kHz fixed frequency oscillator
• TTL shutdown capability, low power standby mode
• High efficiency
• Uses readily available standard inductors
• Thermal shutdown and current limit protection
   
Applications
• Simple high-efficiency step-down (buck) regulator
• Efficient pre-regulator for linear regulators
• On-card switching regulators
• Positive to negative converter (Buck-Boost)
   




Similar Part No. - MIK2576T-15

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
MIK25 MARATHON-MIK25 Datasheet
1Mb / 8P
Sectional Terminal Blocks
More results


Similar Description - MIK2576T-15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Estek Electronics Co. L...
LM2596 ESTEK-LM2596 Datasheet
387Kb / 12P
Simple high-efficiency step-down (buck) regulator
logo
National Semiconductor ...
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Shenzhen Huazhimei Semi...
LM2575HV HMSEMI-LM2575HV Datasheet
2Mb / 13P
Simple high-efficiency step-down (buck) regulator
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
Simple high-efficiency step-down (buck) regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com