Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS23861PW Datasheet (PDF) - Texas Instruments

TPS23861PW Datasheet PDF - Texas Instruments
Part # TPS23861PW
Download  TPS23861PW Download
File Size   1547.05 Kbytes
Page   107 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS23861 IEEE 802.3at Quad Port Power-over-Ethernet PSE Controller

TPS23861PW Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS23861PW Datasheet PDF - Texas Instruments

Part # TPS23861PW
Download  TPS23861PW Click to download

File Size   1547.05 Kbytes
Page   107 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS23861 IEEE 802.3at Quad Port Power-over-Ethernet PSE Controller

TPS23861PW Datasheet (HTML) - Texas Instruments


TPS23861PW Product details

1 Features
1• IEEE 802.3at Quad Port PSE controller
– Auto Detect, classification
– Auto Turn-On and disconnect
– Efficient 255-mΩ sense resistor
• Pin-Out enables Two-Layer PCB
• Kelvin Current Sensing
• 4-Point detection
• Automatic mode – as shipped
– No External terminal setting required
– No Initial I2C communication required
• Semi-Automatic mode – set by I2C command
– Continuous Identification and Classification
– Meets IEEE 400-ms TPON specification
– Fast-Port shutdown input
– Operates best when used in conjunction with
system reference code
http://www.ti.com/product/TPS23861/toolssoftw
are
• Optional I2C control and monitoring
• –40°C to 125°C Temperature range
• TSSOP 28 Package 9.8 mm x 6.6 mm

2 Applications
• Ethernet switches and routers
• Surveillance NVR and DVRs
• Residential gateways
• PoE Pass-Through systems
• Wireless backhaul

3 Description
The TPS23861 is an easy-to-use, flexible,
IEEE802.3at PSE solution. As shipped, it
automatically manages four 802.3at ports without the
need for any external control.
The TPS23861 automatically detects Powered
Devices (PDs) that have a valid signature, determines
power requirements according to classification and
applies power. Two-event classification is supported
for type-2 PDs. The TPS23861 supports DC
disconnection and the external FET architecture
allows designers to balance size, efficiency and
solution cost requirements.
The unique pin-out enables 2-layer PCB designs via
logical grouping and clear upper and lower
differentiation of I2C and power pins. This delivers
best-in-class thermal performance, Kelvin accuracy
and low-build cost.
In addition to automatic operation, the TPS23861
supports Semi-Auto Mode via I2C control for precision
monitoring and intelligent power management.
Compliance with the 400-ms TPON specification is
ensured whether in semi-automatic or automatic
mode.




Similar Part No. - TPS23861PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23861PW TI1-TPS23861PW Datasheet
1Mb / 110P
Quad Port Power-over-Ethernet PSE Controller
TPS23861PWR TI1-TPS23861PWR Datasheet
1Mb / 110P
Quad Port Power-over-Ethernet PSE Controller
More results


Similar Description - TPS23861PW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4274 LINER-LTC4274 Datasheet
118Kb / 2P
Single IEEE 802.3at Power Over Ethernet Controller
LTC4266 LINER-LTC4266 Datasheet
374Kb / 30P
Quad IEEE 802.3at Power over Ethernet Controller
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
3Mb / 49P
Quad, IEEE 802.3at/af PSE Controller
Rev 1; 9/11
logo
Texas Instruments
TPS23851 TI1-TPS23851 Datasheet
1Mb / 62P
Quad IEEE 802.3at Power-Over-Ethernet PSE Controller
logo
Linear Technology
LTC4266 LINER-LTC4266_15 Datasheet
394Kb / 32P
Quad IEEE 802.3at Power over Ethernet Controller
logo
Silicon Laboratories
SI3454 SILABS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
logo
Texas Instruments
TPS23861 TI1-TPS23861 Datasheet
1Mb / 110P
Quad Port Power-over-Ethernet PSE Controller
TPS2388 TI1-TPS2388 Datasheet
1Mb / 82P
IEEE 802.3at 8-Channel Power-over-Ethernet PSE Controller
logo
Maxim Integrated Produc...
MAX5980A MAXIM-MAX5980A Datasheet
2Mb / 50P
Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com