Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25910 Datasheet (PDF) - Texas Instruments

TPS25910 Datasheet PDF - Texas Instruments
Part # TPS25910
Download  TPS25910 Download
File Size   1467.83 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 6.5-A, 20-V Integrated Hotswap with Programmable Inrush Slew Rate

TPS25910 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS25910 Datasheet PDF - Texas Instruments

Part # TPS25910
Download  TPS25910 Click to download

File Size   1467.83 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 6.5-A, 20-V Integrated Hotswap with Programmable Inrush Slew Rate

TPS25910 Datasheet (HTML) - Texas Instruments


TPS25910 Product details

1FEATURES
• Up to 20-V Bus Operation hot•
Integrated 30-mΩ Pass MOSFET
• Programmable Current Limit from:
0.83 A to 6.5 A
• Programmable Inrush Current Slew Rate
• Thermal Shutdown and fault alert
• 4-mm x 4-mm QFN16
• –40°C to 125°C Junction Temperature Range
• UL2367 Recognized - File Number E169910
• CB Certified

APPLICATIONS
• Solid State Drive (SSD)
• Hard Disk Drive (HDD)
• RAID Arrays
• Telecommunications
• Plug-In Circuit Boards
• Notebooks and Netbooks
• PCIE
• Fan Control

DESCRIPTION
The TPS25910 device provides highly integrated hot•
swap power management and superior protection in applications up to 20 V. The maximum UV turn-on
threshold of 2.9 V makes the TPS25910 device well
suited to standard bus voltages as low as 3.3 V. This
device is intended for systems where a voltage bus
must be protected from undesired permanent and transient overload.
At start-up or when hot plugging into the system bus,
the TPS25910 device limits the inrush current by
controlling the ramp rate of the output voltage, VOUT.
The slew rate of VOUT can be adjusted with a
capacitor between the GATE pin and the GND pin.
Built in SOA protection ensures that the internal
MOSFET operates inside a safe operating area (SOA) under the harshest operating conditions. In
addition, the current-limit threshold, which is
independent of the power limit, can be adjusted with
a resistor between the ILIM pin and the GND pin.
The TPS25910 device provides a fault indicator
output when in thermal fault.
The TPS25910 device is available in a 16-pin QFN
package.




Similar Part No. - TPS25910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25910 TI-TPS25910 Datasheet
1Mb / 25P
3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
TPS25910RSAR TI-TPS25910RSAR Datasheet
1Mb / 25P
3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
TPS25910RSAT TI-TPS25910RSAT Datasheet
1Mb / 25P
3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
More results


Similar Description - TPS25910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25910 TI-TPS25910 Datasheet
1Mb / 25P
3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
logo
Integrated Device Techn...
9FGU0431 IDT-9FGU0431 Datasheet
199Kb / 15P
Programmable Slew rate for each output
9FGU0631 IDT-9FGU0631 Datasheet
201Kb / 15P
Programmable Slew rate for each output
9FGU0641 IDT-9FGU0641 Datasheet
211Kb / 15P
Programmable Slew rate for each output
9FGU0831 IDT-9FGU0831 Datasheet
191Kb / 16P
Programmable Slew rate for each output
9FGU0841 IDT-9FGU0841 Datasheet
207Kb / 16P
Programmable Slew rate for each output
9FGV0231 IDT-9FGV0231 Datasheet
223Kb / 15P
Programmable Slew rate for each output
9FGV0241 IDT-9FGV0241 Datasheet
230Kb / 15P
Programmable Slew rate for each output
9FGV0431 IDT-9FGV0431 Datasheet
225Kb / 15P
Programmable Slew rate for each output
9FGV0841 IDT-9FGV0841 Datasheet
212Kb / 16P
Programmable Slew rate for each output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com