Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS259271DRCT Datasheet (PDF) - Texas Instruments

TPS259271DRCT Datasheet PDF - Texas Instruments
Part # TPS259271DRCT
Download  TPS259271DRCT Download
File Size   1673.27 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25927x 4.5-V to 18-V eFuse with Blocking FET Control

TPS259271DRCT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS259271DRCT Datasheet PDF - Texas Instruments

Part # TPS259271DRCT
Download  TPS259271DRCT Click to download

File Size   1673.27 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25927x 4.5-V to 18-V eFuse with Blocking FET Control

TPS259271DRCT Datasheet (HTML) - Texas Instruments


TPS259271DRCT Product details

1 Features
1• 4.5-V to 18-V Protection
• Integrated 28-mΩ Pass MOSFET
• Absolute Maximum Voltage of 20 V
• 1-A to 5-A Adjustable ILIMIT
• ±8% ILIMIT Accuracy at 3.7A
• Reverse Current Blocking Support
• Programmable OUT Slew Rate, UVLO
• Built-in Thermal Shutdown
• UL 2367 Recognized – File No. E339631*
– *RILIM ≤ 130 kΩ (5 A maximum)
• Safe During Single Point Failure Test (UL60950)
• Small Foot Print – 10L (3 mm x 3 mm) VSON

2 Applications
• HDD and SSD Drives
• Set Top Boxes
• Servers / AUX Supplies
• Fan Control
• PCI/PCIe Cards
• Adapter Powered Devices

3 Description
The TPS25927x family of eFuses is a highly
integrated circuit protection and power management
solution in a tiny package. The devices use few
external components and provide multiple protection
modes. They are a robust defense against overloads,
shorts circuits, excessive inrush current, and reverse
current.
Current limit level can be set with a single external
resistor. Applications with particular voltage ramp
requirements can set dV/dT pin with a single
capacitor to ensure proper output ramp rates.
Many systems, such as SSDs, must not allow holdup
capacitance energy to dump back through the FET
body diode onto a drooping or shorted input bus. The
BFET pin is for such systems. An external NFET can
be connected “Back to Back (B2B)” with the
TPS25927x output and the gate driven by BFET to
prevent current flow from load to source.




Similar Part No. - TPS259271DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS259271DRCT TI1-TPS259271DRCT Datasheet
1Mb / 31P
4.5V to 18-V eFuse with Blocking FET Control
More results


Similar Description - TPS259271DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
5V/12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
5V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
4.5V to 18-V eFuse with Blocking FET Control
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
12-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
4.5-V to 18-V eFuse with Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com