Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRTR5V0U2XL Datasheet (PDF) - TECH PUBLIC Electronics co LTD

PRTR5V0U2XL Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # PRTR5V0U2XL
Download  PRTR5V0U2XL Download
File Size   1255.38 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 5V Low Capacitance TVS Diode Array

PRTR5V0U2XL Datasheet (PDF)

Go To PDF Page Download Datasheet
PRTR5V0U2XL Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # PRTR5V0U2XL
Download  PRTR5V0U2XL Click to download

File Size   1255.38 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 5V Low Capacitance TVS Diode Array

PRTR5V0U2XL Datasheet (HTML) - TECH PUBLIC Electronics co LTD


PRTR5V0U2XL Product details

Features
«Ultra low leakage: nA level
« Operating voltage: 5V
« Low clamping voltage
+ Complies with following standards:
— IEC 61000-4-2 (ESD) immunity test
Air discharge: +25kV
Contact discharge: +20kV
— IEC61000-4-4 (EFT) 40A (5/50ns)
—IEC61000-4-5 (Lightning)4A (8/20ps)
+ RoHS Compliant




Similar Part No. - PRTR5V0U2XL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRTR5V0U2X PHILIPS-PRTR5V0U2X Datasheet
60Kb / 10P
Ultra low capacitance double rail-to-rail ESD protection diode in SOT143B
Rev. 01-22 September 2005
PRTR5V0U2X NXP-PRTR5V0U2X Datasheet
74Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
Rev. 02-14 January 2008
logo
TECH PUBLIC Electronics...
PRTR5V0U2X TECHPUBLIC-PRTR5V0U2X Datasheet
2Mb / 4P
Low Capacitance TVS Diode Array
logo
Nexperia B.V. All right...
PRTR5V0U2X NEXPERIA-PRTR5V0U2X Datasheet
230Kb / 11P
Ultra low capacitance double rail-to-rail ESD protection diode
1 April 2023
logo
Guangdong Youtai Semico...
PRTR5V0U2X UMW-PRTR5V0U2X Datasheet
340Kb / 3P
40W peak pulse power (tp = 8/20μs)
More results


Similar Description - PRTR5V0U2XL

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLLLC05 PANJIT-PJDLLLC05 Datasheet
316Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1007 TOREX-XBP1007_12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1001-12 TOREX-XBP1001-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1002-12 TOREX-XBP1002-12 Datasheet
165Kb / 5P
Low Capacitance TVS Diode Array
XBP1006-12 TOREX-XBP1006-12 Datasheet
182Kb / 5P
Low Capacitance TVS Diode Array
XBP1007-12 TOREX-XBP1007-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
LOW CAPACITANCE TVS DIODE ARRAY
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
Low Capacitance TVS Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com