Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61299 Datasheet (PDF) - Texas Instruments

TPS61299 Datasheet PDF - Texas Instruments
Part # TPS61299
Download  TPS61299 Download
File Size   4087.45 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61299x/xA 95nA Quiescent Current, 5.5V Boost Converter with Input Current Limit and Fast Transient Performance

TPS61299 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61299 Datasheet PDF - Texas Instruments

Part # TPS61299
Download  TPS61299 Click to download

File Size   4087.45 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61299x/xA 95nA Quiescent Current, 5.5V Boost Converter with Input Current Limit and Fast Transient Performance

TPS61299 Datasheet (HTML) - Texas Instruments


TPS61299 Product details

1 Features
• Input voltage range: 0.5V to 5.5V
• 0.7V minimum start-up voltage for TPS61299x
• 0.9V minimum start-up voltage for TPS61299xA
• Input operating voltage down to 150mV with signal
VIN > 0.7V for TPS61299x
• Input operating voltage down to 150mV with signal
VIN > 0.9V for TPS61299xA
• Output voltage range: 1.8V to 5.5V for device with
current limit no more than 1.2A
• Output voltage range: 1.8V to 5V for TPS612997/A
• Average input current limit: 5mA; 25mA; 50mA;
100mA; 250mA, 500mA, 1.2A, 1.9A
(different versions)
• 95nA typical quiescent current into VOUT
• 60nA typical shutdown current into VIN for
TPS61299x
• 30nA typical force pass through current into VIN
for TPS61299xA
• Up to 91% efficiency at VIN = 3.6V, VOUT = 5V, and
IOUT =10μA
• Up to 94% efficiency at VIN = 3.6V, VOUT = 5V, and
IOUT =200mA
• Fast transient performance: setting time ~8μs at
VIN = 3.6V, VOUT = 5V, IOUT = 0A -> 200mA
• True disconnection at EN low for TPS61299x
• Force pass through at EN low for TPS61299xA
• Automatic PFM/PWM mode transition
• Auto pass-through at VIN > VOUT
• Output SCP and thermal shutdown protections
• 6-Pin WCSP (1.2mm x 0.8mm) / SOT563 package
(1.6mm x 1.6mm)
• Module solution (inductor integrated) TPSM81299

2 Applications
• Smart watch, Smart band
• Portable medical equipment
• TWS
• Optical module

3 Description
The TPS61299x/xA is a synchronous boost converter
with 95nA ultra-low quiescent current and average
input current limit. The device provides a power
solution for portable equipment with alkaline battery
and coin cell battery. This device has high efficiency
under light-load condition to achieve long operation
time and average input current limit can avoid battery
discharging with high current.
The TPS61299x/xA has wide input voltage range from
0.5V to 5.5V and output voltage range from 1.8V to
5.5V. The device has different versions for average
input current limit from 5mA to 1.9A. The TPS61299
with 1.2A current limit can support up to 500mA
output current from 3V input to 5V output conversion
and achieve approximately 94% efficiency at 200mA
load.
The TPS61299x/xA has optional fast-load transient
performance at output voltage is 4.5V, 5V or 5.5V. In
fast-load transient, the typical setting time is 8μs when
output current transient from 0A to 200mA.
The TPS61299x supports true shutdown function
when it is disabled. And TPS61299xA supports force
pass through function when it is disabled. Customer
could choose either one for specific application.
The TPS61299x/xA offers a very small solution size
with 6-ball 1.2mm x 0.8mm WCSP package and 6-pin
1.6mm x 1.6mm SOT563 package.




Similar Part No. - TPS61299

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61299 TI-TPS61299 Datasheet
3Mb / 31P
TPS61299X 100 nA Quiescent Current, 5.5 V Boost Converter with Input Current Limit and Fast Transient Performance
MARCH 2023
TPS61299 TI1-TPS61299 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI-TPS61299 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI1-TPS61299 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI1-TPS61299 Datasheet
3Mb / 35P
TPS61299-Q1 95nA Quiescent Current, 5.5V Boost Converter with Input Current Limit and Fast Transient Performance
FEBRUARY 2024
More results


Similar Description - TPS61299

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
logo
TEXAS ADVANCED OPTOELEC...
TPS61252 TAOS-TPS61252 Datasheet
440Kb / 21P
TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
logo
Texas Instruments
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
logo
Linear Technology
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
logo
Texas Instruments
TPS61252 TI-TPS61252_15 Datasheet
999Kb / 27P
TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
TPS61299 TI-TPS61299 Datasheet
3Mb / 31P
TPS61299X 100 nA Quiescent Current, 5.5 V Boost Converter with Input Current Limit and Fast Transient Performance
MARCH 2023
logo
Richtek Technology Corp...
RT4823 RICHTEK-RT4823 Datasheet
730Kb / 20P
Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
September 2022
logo
Texas Instruments
TPS61299 TI1-TPS61299_V01 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI-TPS61299_V02 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI1-TPS61299_V03 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com