Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1100186 Datasheet (PDF) - PHOENIX CONTACT

1100186 Datasheet PDF - PHOENIX CONTACT
Part # 1100186
Download  1100186 Download
File Size   512.83 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IFMC 1,5/ 3-ST-3,5 BK - PCB connector

1100186 Datasheet (PDF)

Go To PDF Page Download Datasheet
1100186 Datasheet PDF - PHOENIX CONTACT

Part # 1100186
Download  1100186 Click to download

File Size   512.83 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IFMC 1,5/ 3-ST-3,5 BK - PCB connector

1100186 Datasheet (HTML) - PHOENIX CONTACT


1100186 Product details

PCB connector, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of rows: 1, number of
positions: 3, product range: IFMC 1,5/..-ST, pitch: 3.5 mm, connection method: Push-in spring
connection, conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5,
locking: without, mounting method: without, type of packaging: packed in cardboard




Similar Part No. - 1100186

ManufacturerPart #DatasheetDescription
logo
RRC power solutions Ltd...
110018 RRC-110018 Datasheet
271Kb / 3P
Standard Battery Pack Li-Ion
More results


Similar Description - 1100186

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1704998 PHOENIX-1704998 Datasheet
45Kb / 2P
FMC 1,5/ 3-ST-3,5 BK
1708329 PHOENIX-1708329 Datasheet
62Kb / 2P
DFMC 1,5/ 3-ST-3,5 BK
1843993 PHOENIX-1843993 Datasheet
140Kb / 10P
Printed-circuit board connector - IFMC 1,5/ 3-ST-3,5
1844222 PHOENIX-1844222 Datasheet
104Kb / 4P
Printed-circuit board connector - IFMC 1,5/ 3-ST-3,5-RF
1844112 PHOENIX-1844112 Datasheet
549Kb / 22P
Printed-circuit board connector - IFMC 1,5/ 3-ST-3,5- RN
1464105 PHOENIX-1464105 Datasheet
686Kb / 17P
XPC 1,5/ 3-ST-3,5 BK - PCB connector
1464107 PHOENIX-1464107 Datasheet
689Kb / 17P
XPC 1,5/ 4-ST-3,5 BK - PCB connector
1464109 PHOENIX-1464109 Datasheet
687Kb / 17P
XPC 1,5/ 6-ST-3,5 BK - PCB connector
1464111 PHOENIX-1464111 Datasheet
685Kb / 17P
XPC 1,5/ 8-ST-3,5 BK - PCB connector
1464114 PHOENIX-1464114 Datasheet
718Kb / 18P
XPC 1,5/10-ST-3,5 BK - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com