Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1713670 Datasheet (PDF) - PHOENIX CONTACT

1713670 Datasheet PDF - PHOENIX CONTACT
Part # 1713670
Download  1713670 Download
File Size   604.62 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFMC 1,5/ 4-ST-3,5-LR BK - PCB connector

1713670 Datasheet (PDF)

Go To PDF Page Download Datasheet
1713670 Datasheet PDF - PHOENIX CONTACT

Part # 1713670
Download  1713670 Click to download

File Size   604.62 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFMC 1,5/ 4-ST-3,5-LR BK - PCB connector

1713670 Datasheet (HTML) - PHOENIX CONTACT


1713670 Product details

PCB connector, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials: 8,
number of rows: 2, number of positions: 4, number of connections: 8, product range: DFMC 1,5/..
-ST-LR, pitch: 3.5 mm, connection method: Push-in spring connection, mounting: Insertion in
base strip, conductor/PCB connection direction: 0 °, plug-in system: COMBICON DFMC 1,5,
locking: Lock-and-release locking system, mounting method: Lock & Release ejector lever, type
of packaging: packed in cardboard




Similar Part No. - 1713670

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1713677 PHOENIX-1713677 Datasheet
98Kb / 3P
PCB terminal block - PTSA 1,5/10-3,5-F GY BD:1-10
11/04/2018
More results


Similar Description - 1713670

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1790483 PHOENIX-1790483 Datasheet
161Kb / 10P
Printed-circuit board connector - DFMC 1,5/ 2-ST-3,5-LR
1790506 PHOENIX-1790506 Datasheet
161Kb / 10P
Printed-circuit board connector - DFMC 1,5/ 4-ST-3,5-LR
1790577 PHOENIX-1790577 Datasheet
172Kb / 10P
Printed-circuit board connector - DFMC 1,5/11-ST-3,5-LR
1790629 PHOENIX-1790629 Datasheet
161Kb / 10P
Printed-circuit board connector - DFMC 1,5/16-ST-3,5-LR
1708329 PHOENIX-1708329 Datasheet
62Kb / 2P
DFMC 1,5/ 3-ST-3,5 BK
1790548 PHOENIX-1790548 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 8-ST-3,5-LR
Nov 30, 2022
1790496 PHOENIX-1790496 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 3-ST-3,5-LR
Dec 30, 2022
1790535 PHOENIX-1790535 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 7-ST-3,5-LR
Jan 4, 2023
1790551 PHOENIX-1790551 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 9-ST-3,5-LR
Jan 3, 2023
1790632 PHOENIX-1790632 Datasheet
753Kb / 15P
PCB connector - DFMC 1,5/17-ST-3,5-LR
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com