Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1431015 Datasheet (PDF) - PHOENIX CONTACT

1431015 Datasheet PDF - PHOENIX CONTACT
Part # 1431015
Download  1431015 Download
File Size   434.04 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description XPC 1,5/11-STF-3,5 BK - PCB connector

1431015 Datasheet (PDF)

Go To PDF Page Download Datasheet
1431015 Datasheet PDF - PHOENIX CONTACT

Part # 1431015
Download  1431015 Click to download

File Size   434.04 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description XPC 1,5/11-STF-3,5 BK - PCB connector

1431015 Datasheet (HTML) - PHOENIX CONTACT


1431015 Product details

PCB connector, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of rows: 1, number of
positions: 11, product range: XPC 1,5/..-STF, pitch: 3.5 mm, connection method: Push-Xconnection,
conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plug-in
system: COMBICON MC 1,5, locking: Screw locking mechanism, mounting method: Screw
flange, type of packaging: packed in cardboard




Similar Part No. - 1431015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1431016 PHOENIX-1431016 Datasheet
433Kb / 10P
XPC 1,5/12-STF-3,5 BK - PCB connector
1431017 PHOENIX-1431017 Datasheet
433Kb / 10P
XPC 1,5/13-STF-3,5 BK - PCB connector
1431018 PHOENIX-1431018 Datasheet
1Mb / 10P
SAC-5P-M12MRB-M12FRB/900/... - Bus system cable
1431019 PHOENIX-1431019 Datasheet
433Kb / 10P
XPC 1,5/14-STF-3,5 BK - PCB connector
More results


Similar Description - 1431015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1464104 PHOENIX-1464104 Datasheet
681Kb / 17P
XPC 1,5/ 2-ST-3,5 BK - PCB connector
1464105 PHOENIX-1464105 Datasheet
686Kb / 17P
XPC 1,5/ 3-ST-3,5 BK - PCB connector
1464107 PHOENIX-1464107 Datasheet
689Kb / 17P
XPC 1,5/ 4-ST-3,5 BK - PCB connector
1464108 PHOENIX-1464108 Datasheet
700Kb / 17P
XPC 1,5/ 5-ST-3,5 BK - PCB connector
1464109 PHOENIX-1464109 Datasheet
687Kb / 17P
XPC 1,5/ 6-ST-3,5 BK - PCB connector
1464110 PHOENIX-1464110 Datasheet
696Kb / 17P
XPC 1,5/ 7-ST-3,5 BK - PCB connector
1464111 PHOENIX-1464111 Datasheet
685Kb / 17P
XPC 1,5/ 8-ST-3,5 BK - PCB connector
1464112 PHOENIX-1464112 Datasheet
695Kb / 17P
XPC 1,5/ 9-ST-3,5 BK - PCB connector
1464114 PHOENIX-1464114 Datasheet
718Kb / 18P
XPC 1,5/10-ST-3,5 BK - PCB connector
1464116 PHOENIX-1464116 Datasheet
706Kb / 18P
XPC 1,5/12-ST-3,5 BK - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com