Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCLAMP5591P Datasheet (PDF) - Semtech Corporation

UCLAMP5591P Datasheet PDF - Semtech Corporation
Part # UCLAMP5591P
Download  UCLAMP5591P Download
File Size   560.74 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description μClamp ® 5.5V ESD & Surge Protection

UCLAMP5591P Datasheet (PDF)

Go To PDF Page Download Datasheet
UCLAMP5591P Datasheet PDF - Semtech Corporation

Part # UCLAMP5591P
Download  UCLAMP5591P Click to download

File Size   560.74 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description μClamp ® 5.5V ESD & Surge Protection

UCLAMP5591P Datasheet (HTML) - Semtech Corporation


UCLAMP5591P Product details

Description
μClamp® series of TVS diodes are designed to protect
sensitive electronics from damage or latch-up due to EOS,
lightning, CDE and ESD. They feature large cross-sectional
area junctions for conducting high transient currents.
These devices offer desirable characteristics for board level
protection including fast response time, low operating and
clamping voltage, and no device degradation.
uClamp5591P is in a DFN 1.0x0.6x0.50mm 2-Lead package.
Each device may be used to meet the ESD immunity
requirements of IEC 61000-4-2 (±20kV air, ±20kV contact
discharge). uClamp5591P also provides high surge current
capability (20A, tp=8/20μs). The combination of small
size and high ESD and surge capability makes them ideal
for use in applications such as portables, wearables and
various industrial equipment.

Features
Ÿ Transient protection for VBus and data lines to
Ÿ IEC 61000-4-2 (ESD): ±20kV (contact), ±20kV (air)
Ÿ IEC 61000-4-5 (Lightning): 20A (8/20μs)
Ÿ Protects one line
Ÿ Low ESD clamping voltage
Ÿ Working voltage: 5.5V
Ÿ Low reverse leakage current
Ÿ Solid-state silicon-avalanche technology

Applications
Ÿ 5.5V VBus Protection
Ÿ Tablets
Ÿ Personal Computers
Ÿ Instrumentation
Ÿ CCTV Cameras

Mechanical Characteristics
Ÿ Package: DFN 1.0x0.6x0.50mm 2-Lead
Ÿ Pb-Free, Halogen Free, RoHS/WEEE Compliant
Ÿ Molding compound flammability rating: UL 94V-0
Ÿ Lead Finish: Pb-Free
Ÿ Marking: Marking code
Ÿ Packaging: Tape and Reel




Similar Part No. - UCLAMP5591P

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
UCLAMP5501ZV LEIDITECH-UCLAMP5501ZV Datasheet
1Mb / 4P
1-Line Bi-directional ESD Diode
Rev 2.0 : 10.07.2021
logo
Semtech Corporation
UCLAMP5581P SEMTECH-UCLAMP5581P Datasheet
550Kb / 6P
μClamp ® 5.5V ESD & Surge Protection
Rev. 2.2
UCLAMP5581P.F SEMTECH-UCLAMP5581P.F Datasheet
550Kb / 6P
μClamp ® 5.5V ESD & Surge Protection
Rev. 2.2
More results


Similar Description - UCLAMP5591P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1003 LITTELFUSE-SP1003 Datasheet
232Kb / 6P
ESD/Surge Protection Devices
logo
ON Semiconductor
NSPM2051 ONSEMI-NSPM2051 Datasheet
99Kb / 6P
ESD & Surge Protection Device
March, 2017 ??Rev. 3
logo
Semtech Corporation
RCLAMP0594P SEMTECH-RCLAMP0594P Datasheet
604Kb / 8P
Low Capacitance RailClamp® Line Surge and ESD Protection
Rev 2.2 11/30/2020
logo
Pan Jit International I...
PE3620M1Q PANJIT-PE3620M1Q Datasheet
162Kb / 5P
Hi-Surge ESD Protection
August 29,2018-REV.01
PE4105C2A PANJIT-PE4105C2A Datasheet
158Kb / 5P
HI-SURGE ESD PROTECTION
April 30,2018-REV.00
PE4105C3C6 PANJIT-PE4105C3C6 Datasheet
369Kb / 5P
HI-SURGE ESD PROTECTION
March 15,2019-REV.01
PE4136C2A PANJIT-PE4136C2A Datasheet
161Kb / 5P
HI-SURGE ESD PROTECTION
September 22,2017-REV.00
PE4205CS PANJIT-PE4205CS Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
PE4207M1Q PANJIT-PE4207M1Q Datasheet
177Kb / 5P
Hi-Surge ESD Protection
August 29,2018-REV.01
PJSOT24C-05-AU PANJIT-PJSOT24C-05-AU Datasheet
668Kb / 5P
Hi-Surge ESD Protection
May 27,2021 PJSOT24C-05-AU_SERIES-REV.00
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com