Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3211 Datasheet (PDF) - Texas Instruments

TLV3211 Datasheet PDF - Texas Instruments
Part # TLV3211
Download  TLV3211 Download
File Size   1627.19 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV321x and TLV322x 40ns High-Speed Comparators with Rail-to-Rail Input

TLV3211 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV3211 Datasheet PDF - Texas Instruments

Part # TLV3211
Download  TLV3211 Click to download

File Size   1627.19 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV321x and TLV322x 40ns High-Speed Comparators with Rail-to-Rail Input

TLV3211 Datasheet (HTML) - Texas Instruments


TLV3211 Product details

1 Features
• Propagation delay: 40ns
• Low supply current: 40μA per channel
• Input offset voltage: ±5mV maximum
• Internal hysteresis: 1.8mV
• Input voltage range extends 200mV beyond rails
• Power-on Reset (POR) for known start-up
• Push-pull output option (TLV321x)
• Open-drain output option (TLV322x)

2 Applications
• Motor drives
• Appliances
• Grid infrastructure
• Factory automation and control
• Traction inverter

3 Description
The TLV321x and TLV322x are a family of 5V single,
dual and quad channel high-speed comparators with
push-pull or open-drain output options. The family
has an excellent speed-to-power combination with a
propagation delay of 40ns and a full supply voltage
range of 1.8V to 5V with a quiescent supply current of
only 40μA per channel.
These features, along with fast response time, railto-
rail inputs, low offset voltage and large output
drive current make the family well suited for current
sensing, zero-cross detection, and a variety of other
applications where speed is critical.
The family also includes a Power-on Reset (POR)
feature that holds the output in a known state until the
minimum supply voltage has been reached to prevent
output transients during system power-up and powerdown.
The TLV321x have a push-pull output stage capable
of sinking and sourcing large currents for symmetrical
rise and fall times and quickly driving capacitive loads
such as MOSFET gates.
The TLV322x have an open-drain output that can be
pulled-up below or beyond the supply voltage. These
devices are designed for low voltage logic translators
or combined ORed logic lines.
All devices are specified for operation across the
expanded temperature range of –40°C to 125°C.




Similar Part No. - TLV3211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3211 TI2-TLV3211 Datasheet
1Mb / 34P
TLV321x and TLV322x 40ns High-Speed Comparators with Rail-to-Rail Input
SEPTEMBER 2025
TLV3211 TI2-TLV3211 Datasheet
1Mb / 39P
TLV321x-Q1 and TLV322x-Q1 Automotive 40ns High-Speed Comparators with Rail-to- Rail Input
REVISED DECEMBER 2025
TLV3211 TI2-TLV3211 Datasheet
1Mb / 41P
TLV321x and TLV322x 40ns High-Speed Comparators with Rail-to-Rail Input
REVISED SEPTEMBER 2026
TLV3211-Q1 TI2-TLV3211-Q1 Datasheet
1Mb / 23P
TLV321x-Q1 and TLV322x-Q1 Automotive 40ns High-Speed Comparators with Rail-to- Rail Input
JULY 2025
TLV3211-Q1 TI2-TLV3211-Q1 Datasheet
1Mb / 36P
TLV321x-Q1 and TLV322x-Q1 Automotive 40ns High-Speed Comparators with Rail-to- Rail Input
REVISED DECEMBER 2025
More results


Similar Description - TLV3211

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
logo
National Semiconductor ...
LMV7271 NSC-LMV7271 Datasheet
494Kb / 16P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
STMicroelectronics
TS3022 STMICROELECTRONICS-TS3022 Datasheet
27Kb / 1P
Rail-to-Rail 1.8V High-Speed Micropower Comparators
Jan-2005
logo
Texas Instruments
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211_07 Datasheet
474Kb / 19P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
logo
Texas Instruments
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
LMV7272TL-NOPB TI1-LMV7272TL-NOPB Datasheet
1Mb / 29P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7271 TI1-LMV7271_15 Datasheet
1Mb / 35P
Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com