Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3211 Datasheet (PDF) - Texas Instruments

TLV3211 Datasheet PDF - Texas Instruments
Part # TLV3211
Download  TLV3211 Download
File Size   1518.82 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV321x-Q1 and TLV322x-Q1 Automotive 40ns High-Speed Comparators with Rail-to- Rail Input

TLV3211 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV3211 Datasheet PDF - Texas Instruments

Part # TLV3211
Download  TLV3211 Click to download

File Size   1518.82 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV321x-Q1 and TLV322x-Q1 Automotive 40ns High-Speed Comparators with Rail-to- Rail Input

TLV3211 Datasheet (HTML) - Texas Instruments


TLV3211 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C3
• Propagation delay: 40ns
• Low supply current: 40μA per channel
• Input offset voltage: ±5mV maximum
• Internal hysteresis: 1.8mV
• Input voltage range extends 200mV beyond rails
• Power-on Reset (POR) for known start-up
• Push-pull output option (TLV321x-Q1)
• Open-drain output option (TLV322x-Q1)

2 Applications
• Telematics eCall
• Automotive head unit
• Instrument Cluster
• On-board (OBC) & wireless chargers

3 Description
The TLV321x-Q1 and TLV322x-Q1 are a family
of 5V single, dual and quad channel high-speed
comparators with push-pull or open-drain output
options. The family has an excellent speed-to-power
combination with a propagation delay of 40ns and
a full supply voltage range of 1.8V to 5V with a
quiescent supply current of only 40μA per channel.
These features, along with fast response time, railto-
rail inputs, low offset voltage and large output
drive current make the family well suited for current
sensing, zero-cross detection, and a variety of other
applications where speed is critical.
The family also includes a Power-on Reset (POR)
feature that holds the output in a known state until the
minimum supply voltage has been reached to prevent
output transients during system power-up and powerdown.
The TLV321x-Q1 have a push-pull output stage
capable of sinking and sourcing large currents for
symmetrical rise and fall times and quickly driving
capacitive loads such as MOSFET gates.
The TLV322x-Q1 have an open-drain output that can
be pulled-up below or beyond the supply voltage.
These devices are designed for low voltage logic
translators or combined ORed logic lines.
All devices are specified for operation across the
expanded temperature range of –40°C to 125°C.




Similar Part No. - TLV3211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3211 TI2-TLV3211 Datasheet
1Mb / 34P
TLV321x and TLV322x 40ns High-Speed Comparators with Rail-to-Rail Input
SEPTEMBER 2025
TLV3211 TI2-TLV3211 Datasheet
1Mb / 42P
TLV321x and TLV322x 40ns High-Speed Comparators with Rail-to-Rail Input
REVISED DECEMBER 2025
TLV3211 TI2-TLV3211 Datasheet
1Mb / 41P
TLV321x and TLV322x 40ns High-Speed Comparators with Rail-to-Rail Input
REVISED SEPTEMBER 2026
TLV3211-Q1 TI2-TLV3211-Q1 Datasheet
1Mb / 23P
TLV321x-Q1 and TLV322x-Q1 Automotive 40ns High-Speed Comparators with Rail-to- Rail Input
JULY 2025
TLV3211-Q1 TI2-TLV3211-Q1 Datasheet
1Mb / 36P
TLV321x-Q1 and TLV322x-Q1 Automotive 40ns High-Speed Comparators with Rail-to- Rail Input
REVISED DECEMBER 2025
More results


Similar Description - TLV3211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7031-Q1 TI-TLV7031-Q1_V01 Datasheet
2Mb / 40P
TLV703x-Q1 and TLV704x-Q1 Rail-to-Rail, Low-Power Comparators
TLV7031-Q1 TI-TLV7031-Q1_V02 Datasheet
2Mb / 42P
TLV703x-Q1 and TLV704x-Q1 Rail-to-Rail, Low-Power Comparators
REVISED OCTOBER 2021
TLV1811-Q1 TI-TLV1811-Q1_V01 Datasheet
1Mb / 40P
TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED MARCH 2023
TL331LV-Q1 TI-TL331LV-Q1 Datasheet
2Mb / 55P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV-Q1 TI1-TL331LV-Q1_V01 Datasheet
2Mb / 55P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
TLV7031-Q1 TI1-TLV7031-Q1_V03 Datasheet
1Mb / 46P
TLV703x-Q1 and TLV704x-Q1 Rail-to-Rail, Low-Power Comparators
REVISED FEBRUARY 2023
TLV1811-Q1 TI-TLV1811-Q1_V03 Datasheet
1Mb / 43P
TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TL331LV-Q1 TI1-TL331LV-Q1_V02 Datasheet
2Mb / 58P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED NOVEMBER 2023
TLV1811-Q1 TI1-TLV1811-Q1_V04 Datasheet
2Mb / 46P
TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811-Q1 TI1-TLV1811-Q1_V05 Datasheet
2Mb / 47P
TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com