Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLOUD-ST25TA02KB Datasheet (PDF) - STMicroelectronics

CLOUD-ST25TA02KB Datasheet PDF - STMicroelectronics
Part # CLOUD-ST25TA02KB
Download  CLOUD-ST25TA02KB Download
File Size   249.2 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NFC Forum Type 4 Tag IC demonstration board

CLOUD-ST25TA02KB Datasheet (PDF)

Go To PDF Page Download Datasheet
CLOUD-ST25TA02KB Datasheet PDF - STMicroelectronics

Part # CLOUD-ST25TA02KB
Download  CLOUD-ST25TA02KB Click to download

File Size   249.2 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NFC Forum Type 4 Tag IC demonstration board

CLOUD-ST25TA02KB Datasheet (HTML) - STMicroelectronics


CLOUD-ST25TA02KB Product details

Features
■ Ready-to-use printed circuit board with
■ ST25TA02KB-P NFC/RFID Tag in
■ UFDFPN5 ECOPACK® 2 package
■ 19 mm2 single layer inductive antenna,
■ etched on the PCB
■ Contactless interface
■ TruST25™ digital signature
■ NFC Forum Type 4 Tag
■ ISO/IEC 14443 Type A
■ 106 kbps data rate
■ Internal 50 pF tuning capacitance, enabling
■ design of small inductive antennas
■ Memory
■ 256 Byte (2 Kbit) EEPROM with NDEF
■ data support
■ 200-year data retention
■ 1 million erase-write cycles endurance
■ 128-bit password data protection
■ 20-bit event counter for read or write
■ access with anti-tearing feature
■ Digital pad
■ Configurable general purpose output (GPO) indicating, for example, RF field detection




Similar Part No. - CLOUD-ST25TA02KB

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
CLOUD-WORKLOAD-PROTECTION JUNIPER-CLOUD-WORKLOAD-PROTECTION Datasheet
822Kb / 5P
JUNIPER CLOUD WORKLOAD PROTECTION
More results


Similar Description - CLOUD-ST25TA02KB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRTAG2KL STMICROELECTRONICS-SRTAG2KL Datasheet
1Mb / 51P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
16-Jan-2015
SRTAG512L STMICROELECTRONICS-SRTAG512L Datasheet
1Mb / 51P
NFC Forum Type 4 Tag IC with 512 bits EEPROM
16-Mar-2015
ST25TA02K STMICROELECTRONICS-ST25TA02K Datasheet
886Kb / 50P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
05-May-2015
ST25TA16K STMICROELECTRONICS-ST25TA16K Datasheet
591Kb / 45P
NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
05-May-2015
ST25TA64K STMICROELECTRONICS-ST25TA64K Datasheet
587Kb / 45P
NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
17-Apr-2015
ST25TA512 STMICROELECTRONICS-ST25TA512 Datasheet
884Kb / 50P
NFC Forum Type 4 Tag IC with 512 bits EEPROM
22-Apr-2015
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I²C interface
February 2017 Rev 10
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com