Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLOUD-ST25TA02KB Datasheet(PDF) 1 Page - STMicroelectronics

Part # CLOUD-ST25TA02KB
Description  NFC Forum Type 4 Tag IC demonstration board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLOUD-ST25TA02KB Datasheet(HTML) 1 Page - STMicroelectronics

  CLOUD-ST25TA02KB Datasheet HTML 1Page - STMicroelectronics CLOUD-ST25TA02KB Datasheet HTML 2Page - STMicroelectronics CLOUD-ST25TA02KB Datasheet HTML 3Page - STMicroelectronics CLOUD-ST25TA02KB Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
January 2018
DocID031408 Rev 1
1/4
CLOUD-ST25TA02KB
NFC Forum Type 4 Tag IC demonstration board
Data brief
Features
• Ready-to-use printed circuit board with
– ST25TA02KB-P NFC/RFID Tag in
UFDFPN5 ECOPACK®2 package
–19 mm2 single layer inductive antenna,
etched on the PCB
• Contactless interface
– TruST25™ digital signature
– NFC Forum Type 4 Tag
– ISO/IEC 14443 Type A
– 106 kbps data rate
– Internal 50 pF tuning capacitance, enabling
design of small inductive antennas
• Memory
– 256 Byte (2 Kbit) EEPROM with NDEF
data support
– 200-year data retention
– 1 million erase-write cycles endurance
– 128-bit password data protection
– 20-bit event counter for read or write
access with anti-tearing feature
• Digital pad
– Configurable general purpose output
(GPO) indicating, for example, RF field
detection
Figure 1. CLOUD-ST25TA02KB board (top view)
www.st.com


Similar Part No. - CLOUD-ST25TA02KB

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
CLOUD-WORKLOAD-PROTECTION JUNIPER-CLOUD-WORKLOAD-PROTECTION Datasheet
822Kb / 5P
JUNIPER CLOUD WORKLOAD PROTECTION
More results

Similar Description - CLOUD-ST25TA02KB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRTAG2KL STMICROELECTRONICS-SRTAG2KL Datasheet
1Mb / 51P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
16-Jan-2015
SRTAG512L STMICROELECTRONICS-SRTAG512L Datasheet
1Mb / 51P
NFC Forum Type 4 Tag IC with 512 bits EEPROM
16-Mar-2015
ST25TA02K STMICROELECTRONICS-ST25TA02K Datasheet
886Kb / 50P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
05-May-2015
ST25TA16K STMICROELECTRONICS-ST25TA16K Datasheet
591Kb / 45P
NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
05-May-2015
ST25TA64K STMICROELECTRONICS-ST25TA64K Datasheet
587Kb / 45P
NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
17-Apr-2015
ST25TA512 STMICROELECTRONICS-ST25TA512 Datasheet
884Kb / 50P
NFC Forum Type 4 Tag IC with 512 bits EEPROM
22-Apr-2015
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I²C interface
February 2017 Rev 10
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com