Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1850S Datasheet (PDF) - WiseSun Intelligence Technology Co. Ltd.

WS1850S Datasheet PDF - WiseSun Intelligence Technology Co. Ltd.
Part # WS1850S
Download  WS1850S Download
File Size   1058.88 Kbytes
Page   9 Pages
Manufacturer  WISESUN [WiseSun Intelligence Technology Co. Ltd.]
Direct Link  http://www.wisesun.com/index.php
Logo WISESUN - WiseSun Intelligence Technology Co. Ltd.
Description 13.56MHz contactless card reader chip conforming to ISO/IEC 14443A/B standards

WS1850S Datasheet (PDF)

Go To PDF Page Download Datasheet
WS1850S Datasheet PDF - WiseSun Intelligence Technology Co. Ltd.

Part # WS1850S
Download  WS1850S Click to download

File Size   1058.88 Kbytes
Page   9 Pages
Manufacturer  WISESUN [WiseSun Intelligence Technology Co. Ltd.]
Direct Link  http://www.wisesun.com/index.php
Logo WISESUN - WiseSun Intelligence Technology Co. Ltd.
Description 13.56MHz contactless card reader chip conforming to ISO/IEC 14443A/B standards

WS1850S Datasheet (HTML) - WiseSun Intelligence Technology Co. Ltd.


WS1850S Product details

Key Features
 Highly integrated, ultra-low power contactless card reader/writer chip, operating at 13.56MHz, supporting various card reader/writer solutions with dual-coil drive.
 Wide operating voltage range, power supply voltage 2.0 ~ 5.5V.
 Extremely low standby and scan power consumption, effective reading distance up to 8 ~ 10cm.
 Supports complete ISO/IEC 14443 Type A/Type B protocols.
 Supports high-speed communication: 106kbit/s, 212kbit/s, 424kbit/s.




Similar Part No. - WS1850S

ManufacturerPart #DatasheetDescription
logo
SICK AG
WS18-3N130 SICK-WS18-3N130 Datasheet
690Kb / 7P
Through-beam photoelectric sensor
3/8/2016
WS18-3N630 SICK-WS18-3N630 Datasheet
726Kb / 7P
Through-beam photoelectric sensor
3/8/2016
WS18-3P110 SICK-WS18-3P110 Datasheet
689Kb / 7P
Through-beam photoelectric sensor
3/8/2016
WS18-3P130 SICK-WS18-3P130 Datasheet
689Kb / 7P
Through-beam photoelectric sensor
3/8/2016
WS18-3P410 SICK-WS18-3P410 Datasheet
719Kb / 7P
Through-beam photoelectric sensor
3/8/2016
More results


Similar Description - WS1850S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
CONTACTLESS READER CHIP SET
Jan-2001
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
ISO/IEC 15693 READER MODULE
logo
NXP Semiconductors
MFRC500 PHILIPS-MFRC500 Datasheet
128Kb / 12P
Highly Integrated ISO 14443A Reader IC
January 2002
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
ISO/IEC 14443A RFID TAG IC
A9261-A-000 AMICC-A9261-A-000 Datasheet
83Kb / 2P
13.56MHz ISO-14443A Reader Module
logo
NXP Semiconductors
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com