Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFII-LC-0083 Datasheet (PDF) - Abracon Corporation

AFII-LC-0083 Datasheet PDF - Abracon Corporation
Part # AFII-LC-0083
Download  AFII-LC-0083 Download
File Size   677.57 Kbytes
Page   8 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 2450MHz Low Pass Ceramic Filter

AFII-LC-0083 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFII-LC-0083 Datasheet PDF - Abracon Corporation

Part # AFII-LC-0083
Download  AFII-LC-0083 Click to download

File Size   677.57 Kbytes
Page   8 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 2450MHz Low Pass Ceramic Filter

AFII-LC-0083 Datasheet (HTML) - Abracon Corporation


AFII-LC-0083 Product details

Features
• 1.0 x 0.5 x 0.38 mm in Size
• Low Insertion Loss: 0.38 dB
• Out-of-Band Rejection: > 47 dB (at 2nd & 3rd harmonics)
• 50 Ohms Single-Ended Input & Output
• RoHS Compliant | MSL Level 1




Similar Part No. - AFII-LC-0083

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFII-LC-0084 ABRACON-AFII-LC-0084 Datasheet
691Kb / 8P
SMD 2450MHz Low Pass Ceramic Filter
10-20-25
AFII-LC-0084-EVB ABRACON-AFII-LC-0084-EVB Datasheet
691Kb / 8P
SMD 2450MHz Low Pass Ceramic Filter
10-20-25
AFII-LC-0084-T ABRACON-AFII-LC-0084-T Datasheet
691Kb / 8P
SMD 2450MHz Low Pass Ceramic Filter
10-20-25
AFII-LC-0085 ABRACON-AFII-LC-0085 Datasheet
679Kb / 8P
SMD 868 MHz Low Pass Ceramic Filter
10-20-25
AFII-LC-0085-EVB ABRACON-AFII-LC-0085-EVB Datasheet
679Kb / 8P
SMD 868 MHz Low Pass Ceramic Filter
10-20-25
More results


Similar Description - AFII-LC-0083

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-105 MINI-LFCN-105 Datasheet
137Kb / 1P
Ceramic Low Pass Filter
LFCN-490 MINI-LFCN-490 Datasheet
139Kb / 1P
Ceramic Low Pass Filter
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Johanson Technology Inc...
0898LP18A035E JOHANSON-0898LP18A035E Datasheet
137Kb / 2P
890MHz Low Pass Filter, SMD
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com