Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFII-LC-0085 Datasheet (PDF) - Abracon Corporation

AFII-LC-0085 Datasheet PDF - Abracon Corporation
Part # AFII-LC-0085
Download  AFII-LC-0085 Download
File Size   679.55 Kbytes
Page   8 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 868 MHz Low Pass Ceramic Filter

AFII-LC-0085 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFII-LC-0085 Datasheet PDF - Abracon Corporation

Part # AFII-LC-0085
Download  AFII-LC-0085 Click to download

File Size   679.55 Kbytes
Page   8 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 868 MHz Low Pass Ceramic Filter

AFII-LC-0085 Datasheet (HTML) - Abracon Corporation


AFII-LC-0085 Product details

Features
• 2.0 x 1.25 x 0.95 mm in Size
• Low Insertion Loss: 0.27 dB
• Out-of-Band Rejection: > 37 dB (at 2nd & 3rd harmonics)
• 50 Ohms Single-Ended Input & Output
• RoHS Compliant | MSL Level 1




Similar Part No. - AFII-LC-0085

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFII-LC-0083 ABRACON-AFII-LC-0083 Datasheet
677Kb / 8P
SMD 2450MHz Low Pass Ceramic Filter
10-20-25
AFII-LC-0083-EVB ABRACON-AFII-LC-0083-EVB Datasheet
677Kb / 8P
SMD 2450MHz Low Pass Ceramic Filter
10-20-25
AFII-LC-0083-T ABRACON-AFII-LC-0083-T Datasheet
677Kb / 8P
SMD 2450MHz Low Pass Ceramic Filter
10-20-25
AFII-LC-0084 ABRACON-AFII-LC-0084 Datasheet
691Kb / 8P
SMD 2450MHz Low Pass Ceramic Filter
10-20-25
AFII-LC-0084-EVB ABRACON-AFII-LC-0084-EVB Datasheet
691Kb / 8P
SMD 2450MHz Low Pass Ceramic Filter
10-20-25
More results


Similar Description - AFII-LC-0085

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-80 MINI-LFCN-80 Datasheet
137Kb / 1P
Ceramic Low Pass Filter DC to 80 MHz
LFCN-95 MINI-LFCN-95 Datasheet
139Kb / 1P
Ceramic Low Pass Filter DC to 95 MHz
LFCN-120 MINI-LFCN-120 Datasheet
137Kb / 1P
Ceramic Low Pass Filter DC to 120 MHz
logo
Johanson Technology Inc...
0915LP15B026 JOHANSON-0915LP15B026 Datasheet
88Kb / 2P
915 MHz Low Pass Filter
0868LP15A020 JOHANSON-0868LP15A020 Datasheet
120Kb / 2P
868 MHz Low Pass Filter
0892LP07A136 JOHANSON-0892LP07A136 Datasheet
126Kb / 2P
900 MHz Low Pass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1245A TAI-SAW-TA1245A Datasheet
424Kb / 7P
SAW Filter 868 MHz
TA1219A TAI-SAW-TA1219A Datasheet
413Kb / 7P
SAW Filter 868 MHz
TA1972A TAI-SAW-TA1972A Datasheet
318Kb / 6P
SAW Filter 868 MHz
TA2244A TAI-SAW-TA2244A Datasheet
765Kb / 6P
SAW Filter 868 MHz
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com