Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCC-SMB Datasheet (PDF) - Structured Cable Products Inc.

HCC-SMB Datasheet PDF - Structured Cable Products Inc.
Part # HCC-SMB
Download  HCC-SMB Download
File Size   2933.45 Kbytes
Page   1 Pages
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.
Description 18" PLASTIC MEDIA ENCLOSURE- 18”L X 14.25”W X 4”

HCC-SMB Datasheet (PDF)

Go To PDF Page Download Datasheet
HCC-SMB Datasheet PDF - Structured Cable Products Inc.

Part # HCC-SMB
Download  HCC-SMB Click to download

File Size   2933.45 Kbytes
Page   1 Pages
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.
Description 18" PLASTIC MEDIA ENCLOSURE- 18”L X 14.25”W X 4”

HCC-SMB Datasheet (HTML) - Structured Cable Products Inc.


HCC-SMB Product details

FEATURES & BENEFITS
Wall cavity mount (16" on center studs)
Surface mountable
2" diameter access holes
Multiple access holes (top, bottom)
2 x Electric K/O
Attaches to studs
Provides 4" interior depth space
Lightweight / Easy install
**Optional deep extension frame
(Cable company approved to maintain 5” depth)
Available in contractor packs
Flame retardant
cUL us compliant




Similar Part No. - HCC-SMB

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
HCC-SMB STRUCTURED-CABLE-HCC-SMB Datasheet
2Mb / 1P
28" PLASTIC MEDIA ENCLOSURE- 28”L X 14.25”W X 4”
Rev 08/2020
HCC-SMB STRUCTURED-CABLE-HCC-SMB Datasheet
379Kb / 1P
SMB SHELF MOUNTING BRACKET, UNIVERSAL FIT, DUAL MOUNT
Rev 08/2020
HCC-SMB STRUCTURED-CABLE-HCC-SMB Datasheet
2Mb / 1P
42" PLASTIC MEDIA ENCLOSURE - 42”L X 14.25”W X 4”, FLUSH OR SURFACE
Rev 08/2020
More results


Similar Description - HCC-SMB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
512 x 18 / 1024 x 18 Synchronous FIFO
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
logo
Texas Instruments
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com