Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCC-SMB Datasheet (PDF) - Structured Cable Products Inc.

HCC-SMB Datasheet PDF - Structured Cable Products Inc.
Part # HCC-SMB
Download  HCC-SMB Download
File Size   2914.17 Kbytes
Page   1 Pages
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.
Description 42" PLASTIC MEDIA ENCLOSURE - 42”L X 14.25”W X 4”, FLUSH OR SURFACE

HCC-SMB Datasheet (PDF)

Go To PDF Page Download Datasheet
HCC-SMB Datasheet PDF - Structured Cable Products Inc.

Part # HCC-SMB
Download  HCC-SMB Click to download

File Size   2914.17 Kbytes
Page   1 Pages
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.
Description 42" PLASTIC MEDIA ENCLOSURE - 42”L X 14.25”W X 4”, FLUSH OR SURFACE

HCC-SMB Datasheet (HTML) - Structured Cable Products Inc.


HCC-SMB Product details

FEATURES & BENEFITS
Durable baked on enamel finish
2 inch diameter access holes for wires
(3 x top + 2 x bottom + 2 x rear)
Knock out on bottom fits single gang electric box
Sides include loop holes for velcro or zipties
Includes plastic grommets
Includes mounting screws
Includes velcro (2 linear feet)
Accepts 18" plastic cover:
- HCC-18-HPEC (premium deep radius hinge cover)
- HCC-P18-LF (low profile standard 4" depth cover)
Wall cavity mount (16" on center studs)
Surface mountable
2" diameter access holes
Multiple access holes (top, bottom)
2 x Electric K/O
Attaches to studs
Provides 4" interior depth space
Lightweight / Easy install
**Optional deep extension frame
(Cable company approved to maintain 5” depth)
Available in contractor packs
Flame retardant
cUL us compliant




Similar Part No. - HCC-SMB

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
HCC-SMB STRUCTURED-CABLE-HCC-SMB Datasheet
2Mb / 1P
18" PLASTIC MEDIA ENCLOSURE- 18”L X 14.25”W X 4”
Rev 08/2020
HCC-SMB STRUCTURED-CABLE-HCC-SMB Datasheet
2Mb / 1P
28" PLASTIC MEDIA ENCLOSURE- 28”L X 14.25”W X 4”
Rev 08/2020
HCC-SMB STRUCTURED-CABLE-HCC-SMB Datasheet
379Kb / 1P
SMB SHELF MOUNTING BRACKET, UNIVERSAL FIT, DUAL MOUNT
Rev 08/2020
More results


Similar Description - HCC-SMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
N82S153A PHILIPS-N82S153A Datasheet
638Kb / 12P
Field Programmable logic array(18 X 42 X 10)
May 23 1991
logo
Astec America, Inc
DTX42K48 ASTEC-DTX42K48 Datasheet
112Kb / 2P
42 Amps
logo
TRIAD MAGNETICS
SP-42 TRIAD-SP-42 Datasheet
55Kb / 1P
SP-42
logo
NXP Semiconductors
PLUS173-10 PHILIPS-PLUS173-10 Datasheet
73Kb / 8P
Programmable logic array (22 x 42 x 10)
October 22, 1993
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
logo
Altech corporation
AK42 ALTECH-AK42 Datasheet
298Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 42
logo
STANLEY ELECTRIC CO.,LT...
THG1111C-0005-TR STANLEY-THG1111C-0005-TR Datasheet
660Kb / 22P
Outer Dimension 1.6 x 0.8 x 0.7mm( L x W x H )
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com