Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC045SMB120B4N Datasheet (PDF) - Microchip Technology

MSC045SMB120B4N Datasheet PDF - Microchip Technology
Part # MSC045SMB120B4N
Download  MSC045SMB120B4N Download
File Size   574.69 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1200V, 45 mΩ N-Channel mSiC™ MOSFET

MSC045SMB120B4N Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC045SMB120B4N Datasheet PDF - Microchip Technology

Part # MSC045SMB120B4N
Download  MSC045SMB120B4N Click to download

File Size   574.69 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1200V, 45 mΩ N-Channel mSiC™ MOSFET

MSC045SMB120B4N Datasheet (HTML) - Microchip Technology


MSC045SMB120B4N Product details

Features
• Low capacitances and low gate charge
• Fast switching speed due to low internal gate resistance (ESR)
• Stable operation at high junction temperature, TJ(max) = 175 °C
• Fast and reliable body diode
• Superior avalanche ruggedness (100% UIS production tested)
• Creepage distance (Typ. > 8 mm)
• RoHS compliant
Applications
• Photovoltaic (PV) inverter, converter, and industrial motor drives
• Smart grid transmission and distribution
• Induction heating and welding
• Hybrid Electric Vehicle (HEV) powertrain and Electric Vehicle (EV)
charger
• Power supply and distribution




Similar Part No. - MSC045SMB120B4N

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSC045SMB120B MICROCHIP-MSC045SMB120B Datasheet
598Kb / 13P
1200V, 45 mΩ N-Channel mSiC™ MOSFET
12/2025
MSC045SMB120BVAO MICROCHIP-MSC045SMB120BVAO Datasheet
598Kb / 13P
1200V, 45 mΩ N-Channel mSiC™ MOSFET
12/2025
More results


Similar Description - MSC045SMB120B4N

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LN100 SUTEX-LN100 Datasheet
736Kb / 6P
1200V Cascoded N-Channel MOSFET
logo
STMicroelectronics
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
logo
Nexperia B.V. All right...
BUK9Y41-80E NEXPERIA-BUK9Y41-80E Datasheet
767Kb / 13P
N-channel 80 V, 45 mΩ logic level MOSFET in LFPAK56
8 May 2013
logo
Unisonic Technologies
5N120 UTC-5N120 Datasheet
451Kb / 7P
5A, 1200V N-CHANNEL POWER MOSFET
2018
logo
UN Semiconducctor INC
UNC1K203N078-T47-4 UNSEMI-UNC1K203N078-T47-4 Datasheet
4Mb / 12P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K203N078-T47 UNSEMI-UNC1K203N078-T47 Datasheet
4Mb / 12P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K207N043-T47-4 UNSEMI-UNC1K207N043-T47-4 Datasheet
4Mb / 9P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K207N043-T47 UNSEMI-UNC1K207N043-T47 Datasheet
3Mb / 9P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K211N016-T47-4 UNSEMI-UNC1K211N016-T47-4 Datasheet
4Mb / 10P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K211N016-T47 UNSEMI-UNC1K211N016-T47 Datasheet
4Mb / 10P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com