Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMAT2004 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAT2004 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAT2004
Download  FMAT2004 Download
File Size   737.33 Kbytes
Page   7 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 20 GHz to 50 GHz Absorptive Voltage Variable Attenuator, 40 dB, Field Replaceable 2.4mm

FMAT2004 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAT2004 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAT2004
Download  FMAT2004 Click to download

File Size   737.33 Kbytes
Page   7 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 20 GHz to 50 GHz Absorptive Voltage Variable Attenuator, 40 dB, Field Replaceable 2.4mm

FMAT2004 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAT2004 Product details

Features
• Absorptive Voltage Controlled Attenuator
• 20 GHz to 50 GHz
• Attenuation Range 0 to 40 dB typ
• Insertion Loss 4 dB typ
• P0.1 dB Compression Power +24 dBm typ
• Input IP3 32 dBm typ
• Max RF Input Power +24 dBm
• Control Voltage -5V to 0V
• 50 Ohm Circuit Design uses Series Topology
• Field Replaceable 2.4mm Female RF Connectors
• Solder Pins for DC Control
• Operational Temperature Range -40°C to +85°C
• Rugged and Compact Aluminum Gold Plated Package Design
• Guaranteed Environmental Test Conditions Altitude, Vibration,
Humidity, Shock
• Single Control Operation




Similar Part No. - FMAT2004

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAT2005 FAIRVIEW-FMAT2005 Datasheet
839Kb / 8P
4 GHz to 30 GHz Absorptive Voltage Variable Attenuator, 30 dB, Field Replaceable 2.92mm
A
FMAT2006 FAIRVIEW-FMAT2006 Datasheet
842Kb / 8P
2 GHz to 18 GHz Reflective Voltage Control Attenuator, 30 dB, Field Replaceable SMA
A
FMAT2007 FAIRVIEW-FMAT2007 Datasheet
824Kb / 8P
8 GHz to 12 GHz Voltage Control Attenuator, 30 dB, Field Replaceable SMA
A
FMAT2008 FAIRVIEW-FMAT2008 Datasheet
931Kb / 8P
18 GHz to 26 GHz Absorptive Voltage Control Attenuator, 30 dB, Field Replaceable SMA
A
More results


Similar Description - FMAT2004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-108 MACOM-AT-108 Datasheet
45Kb / 3P
Voltage Variable Absorptive Attenuator 40 dB, 0.5-3.0 GHz
AT-113 MACOM-AT-113 Datasheet
50Kb / 3P
3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
AT-119 MACOM-AT-119 Datasheet
135Kb / 4P
2.25 Volt Voltage Variable Absorptive Attenuator - 40 dB, 1.8.2.5 GHz
MAAV-008022 MACOM-MAAV-008022 Datasheet
93Kb / 4P
3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5-2.0 GHz
MAAVSS0007 MACOM-MAAVSS0007 Datasheet
206Kb / 4P
Voltage Variable Absorptive Attenuator 40 dB, 0.5-3.0 GHz
logo
M/A-COM Technology Solu...
AT-108 MA-COM-AT-108 Datasheet
120Kb / 4P
Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 3.0 GHz
AT-109 MA-COM-AT-109 Datasheet
83Kb / 3P
Voltage Variable Absorptive Attenuator 35 dB, 0.5 - 2.0 GHz
AT-113 MA-COM-AT-113 Datasheet
80Kb / 4P
3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
MAAVSS0007 MA-COM-MAAVSS0007 Datasheet
123Kb / 4P
Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 3.0 GHz
MAAV-008022 MA-COM-MAAV-008022 Datasheet
81Kb / 4P
3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com