Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMAT2005 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAT2005 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAT2005
Download  FMAT2005 Download
File Size   839.64 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 4 GHz to 30 GHz Absorptive Voltage Variable Attenuator, 30 dB, Field Replaceable 2.92mm

FMAT2005 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAT2005 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAT2005
Download  FMAT2005 Click to download

File Size   839.64 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 4 GHz to 30 GHz Absorptive Voltage Variable Attenuator, 30 dB, Field Replaceable 2.92mm

FMAT2005 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAT2005 Product details

Features
• Absorptive Voltage Controlled Attenuator
• 4 GHz to 30 GHz
• Attenuation Range 0 to 30 dB typ
• Insertion Loss 4 dB typ
• P0.1 dB Compression Power +25 dBm typ
• Input IP3 28 dBm typ
• Max RF Input Power +30 dBm
• Switching Speed 500 usec typ
• Control Voltage -5V to 0V
• 50 Ohm Circuit Design uses Series-Shunt Topology
• Field Replaceable 2.92mm Female RF Connectors
• Solder Pins for DC Control
• Operational Temperature Range -40°C to +85°C
• Rugged and Compact Aluminum Gold Plated Package Design
• Guaranteed Environmental Test Conditions Altitude, Vibration,
Humidity, Shock
• Single Control Operation




Similar Part No. - FMAT2005

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAT2004 FAIRVIEW-FMAT2004 Datasheet
737Kb / 7P
20 GHz to 50 GHz Absorptive Voltage Variable Attenuator, 40 dB, Field Replaceable 2.4mm
A
FMAT2006 FAIRVIEW-FMAT2006 Datasheet
842Kb / 8P
2 GHz to 18 GHz Reflective Voltage Control Attenuator, 30 dB, Field Replaceable SMA
A
FMAT2007 FAIRVIEW-FMAT2007 Datasheet
824Kb / 8P
8 GHz to 12 GHz Voltage Control Attenuator, 30 dB, Field Replaceable SMA
A
FMAT2008 FAIRVIEW-FMAT2008 Datasheet
931Kb / 8P
18 GHz to 26 GHz Absorptive Voltage Control Attenuator, 30 dB, Field Replaceable SMA
A
More results


Similar Description - FMAT2005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-108 MACOM-AT-108 Datasheet
45Kb / 3P
Voltage Variable Absorptive Attenuator 40 dB, 0.5-3.0 GHz
AT-110 MACOM-AT-110 Datasheet
112Kb / 3P
Voltage Variable Absorptive Attenuator, 30 dB 0.5 - 2 GHz
MAAVSS0008 MACOM-MAAVSS0008 Datasheet
176Kb / 3P
Voltage Variable Absorptive Attenuator 30 dB, 0.5-2.0 GHz
logo
M/A-COM Technology Solu...
AT-108 MA-COM-AT-108 Datasheet
120Kb / 4P
Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 3.0 GHz
AT-109 MA-COM-AT-109 Datasheet
83Kb / 3P
Voltage Variable Absorptive Attenuator 35 dB, 0.5 - 2.0 GHz
AT-110-2 MA-COM-AT-110-2 Datasheet
75Kb / 3P
Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
AT-110 MA-COM-AT-110 Datasheet
105Kb / 3P
Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
AT-250 MA-COM-AT-250 Datasheet
69Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
AT-635 MA-COM-AT-635 Datasheet
99Kb / 3P
Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
MAAVSS0008 MA-COM-MAAVSS0008 Datasheet
75Kb / 3P
Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com