Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX34407 Datasheet (PDF) - Analog Devices

MAX34407 Datasheet PDF - Analog Devices
Part # MAX34407
Download  MAX34407 Download
File Size   472.08 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SMBus 4-Channel Wide Dynamic Range Power Accumulator

MAX34407 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX34407 Datasheet PDF - Analog Devices

Part # MAX34407
Download  MAX34407 Click to download

File Size   472.08 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SMBus 4-Channel Wide Dynamic Range Power Accumulator

MAX34407 Datasheet (HTML) - Analog Devices


MAX34407 Product details

Features
●●Enables Code Optimization to Minimize Power Consumption in Portable Platforms
•Four Power Monitors with Wide 66dB Dynamic Range
•Measures Both Current and Voltage
•Low Power Consumption
•Slow Mode for Reduced Power Consumption
•Power-Down Mode
●●Minimizes Processor Overhead with Autonomous Operation
•Per Channel 48-Bit Power Accumulators Capture 17 Minutes of Data at 1024 Samples per Second
•Per Channel 12-Bit Voltage Registers
●●High-Integration Solution Minimizes Parts Count, PCB Space, and BOM Cost
•Wide Current Common-Mode Range of 2.5V to 15V
•Low Full-Scale, Current-Sense Voltage of 100mV
•I2C/SMBus Interface
•Temperature Range: -40°C to +85°C
•Small, 2.285mm x 2.185mm Footprint WLP Package with 16 Bumps at 0.5mm Pitch
●●Ease of Development
•Evaluation Kit with Advanced GUI Available
(MAX34407EVKIT#)
•Windows Driver Available




Similar Part No. - MAX34407

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34407 MAXIM-MAX34407 Datasheet
445Kb / 17P
Measures Both Current and Voltage
Rev 0; 11/14
MAX34407 MAXIM-MAX34407 Datasheet
480Kb / 17P
SMBus 4-Channel Wide Dynamic Range Power Accumulator
2017
MAX34407EWE+ MAXIM-MAX34407EWE+ Datasheet
480Kb / 17P
SMBus 4-Channel Wide Dynamic Range Power Accumulator
2017
MAX34407EWE+T MAXIM-MAX34407EWE+T Datasheet
480Kb / 17P
SMBus 4-Channel Wide Dynamic Range Power Accumulator
2017
MAX34407 MAXIM-MAX34407_V01 Datasheet
480Kb / 17P
SMBus 4-Channel Wide Dynamic Range Power Accumulator
2017
More results


Similar Description - MAX34407

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
F6584 HAMAMATSU-F6584 Datasheet
24Kb / 2P
WIDE DYNAMIC RANGE MICROCHANNEL PLATES
logo
Zarlink Semiconductor I...
ZL49010 ZARLINK-ZL49010 Datasheet
353Kb / 14P
Wide Dynamic Range DTMF Receiver
ZL49010 ZARLINK-ZL49010_07 Datasheet
423Kb / 15P
Wide Dynamic Range DTMF Receiver
logo
Analog Devices
ADL5201 AD-ADL5201 Datasheet
1,001Kb / 28P
Wide Dynamic Range, High Speed
REV. 0
ADL5202 AD-ADL5202 Datasheet
1Mb / 32P
Wide Dynamic Range, High Speed
REV. 0
logo
Keysight Technologies
U2049XA KEYSIGHT-U2049XA Datasheet
2Mb / 25P
X-Series Wide Dynamic Range Power Sensors
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
WDR Wide Dynamic Range
logo
Maxim Integrated Produc...
MAX34407 MAXIM-MAX34407_V01 Datasheet
480Kb / 17P
SMBus 4-Channel Wide Dynamic Range Power Accumulator
2017
MAX34417 MAXIM-MAX34417 Datasheet
1Mb / 22P
SMBus Four-Channel High Dynamic Range Power Accumulator
2018
logo
Analog Devices
MAX34427 AD-MAX34427 Datasheet
830Kb / 27P
SMBUS Dual Channel High Dynamic Range Power Accumulator
Rev 0; 5/22
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com