Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBT1624 Datasheet (PDF) - Infinite Electronics International, Inc.

FMBT1624 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMBT1624
Download  FMBT1624 Download
File Size   700.99 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 10 MHz to 2.5 GHz SMA Broadband Bias Tee, Male Input, Rated to 2.5 Amps and 100 Volts, DC SMA connector

FMBT1624 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMBT1624 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMBT1624
Download  FMBT1624 Click to download

File Size   700.99 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 10 MHz to 2.5 GHz SMA Broadband Bias Tee, Male Input, Rated to 2.5 Amps and 100 Volts, DC SMA connector

FMBT1624 Datasheet (HTML) - Infinite Electronics International, Inc.


FMBT1624 Product details

Features:
• General Purpose
Broadband Bias Tee
• 10 MHz to 2.5 GHz
Frequency Range
• Insertion Loss: 0.3 dB Typ
• Isolation: 50 dB typ
• VSWR: 1.1:1 typ
• RF Input Power Handling 5W max
• 50 Ohms Input and
Output Matched
• SMA Male RF Input Connector
• SMA Female RF Output Connector
• DC Connector: SMA Female
• Operational Temperature:
-55°C to +105°C
• Rating: 2.5A max DC Current
and +100V max DC Voltage




Similar Part No. - FMBT1624

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMBT1623 FAIRVIEW-FMBT1623 Datasheet
704Kb / 4P
10 MHz to 2.5 GHz N Broadband Bias Tee, Male Output, Rated to 2.5 Amps and 100 Volts, DC SMA connector
REV 1 A
FMBT1625 FAIRVIEW-FMBT1625 Datasheet
698Kb / 4P
10 MHz to 2.5 GHz N Broadband Bias Tee, Male Input, Rated to 2.5 Amps and 100 Volts, DC Pin
REV 1 A
FMBT1626 FAIRVIEW-FMBT1626 Datasheet
686Kb / 4P
10 MHz to 2.5 GHz SMA Broadband Bias Tee, Male Input, Rated to 2.5 Amps and 100 Volts, DC Pin
REV 1 A
FMBT1627 FAIRVIEW-FMBT1627 Datasheet
694Kb / 4P
10 MHz to 6 GHz SMA Broadband Bias Tee, Rated to 2.5 Amps and 100 Volts, DC Pin
REV 1 A
FMBT1628 FAIRVIEW-FMBT1628 Datasheet
704Kb / 4P
10 MHz to 6 GHz N Broadband Bias Tee, Male Output, Rated to 2.5 Amps and 100 Volts, DC BNC Connector
REV 1 A
More results


Similar Description - FMBT1624

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1604 PASTERNACK-PE1604 Datasheet
218Kb / 3P
100 MHz to 6 GHz SMA Bias Tee Rated To 500 mA And 50 Volts DC
PE1605 PASTERNACK-PE1605 Datasheet
361Kb / 2P
400 MHz to 10 GHz SMA Bias Tee Rated To 200 mA And 50 Volts DC
PE1607 PASTERNACK-PE1607 Datasheet
252Kb / 3P
0.1 MHz to 18 GHz SMA Bias Tee Rated
PE1611 PASTERNACK-PE1611 Datasheet
223Kb / 3P
10 MHz to 2.5 GHz SMA Bias Tee Rated
PE1612 PASTERNACK-PE1612 Datasheet
225Kb / 3P
10 MHz to 2.5 GHz N Bias Tee Rated
PE1613 PASTERNACK-PE1613 Datasheet
218Kb / 3P
10 MHz to 4 GHz SMA Bias Tee Rated
PE1615 PASTERNACK-PE1615 Datasheet
226Kb / 3P
10 MHz to 6 GHz SMA Bias Tee Rated
PE1617 PASTERNACK-PE1617 Datasheet
216Kb / 3P
250 MHz to 2.5 GHz SMA Bias Tee Rated
PE1618 PASTERNACK-PE1618 Datasheet
320Kb / 2P
500 MHz to 2.5 GHz N Bias Tee Rated
PE1BT1000 PASTERNACK-PE1BT1000 Datasheet
396Kb / 3P
500 MHz to 10 GHz SMA Bias Tee Rated to 700 mA And 50 Volts DC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com