Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBT1625 Datasheet (PDF) - Infinite Electronics International, Inc.

FMBT1625 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMBT1625
Download  FMBT1625 Download
File Size   698.17 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 10 MHz to 2.5 GHz N Broadband Bias Tee, Male Input, Rated to 2.5 Amps and 100 Volts, DC Pin

FMBT1625 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMBT1625 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMBT1625
Download  FMBT1625 Click to download

File Size   698.17 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 10 MHz to 2.5 GHz N Broadband Bias Tee, Male Input, Rated to 2.5 Amps and 100 Volts, DC Pin

FMBT1625 Datasheet (HTML) - Infinite Electronics International, Inc.


FMBT1625 Product details

Features:
• General Purpose
Broadband Bias Tee
• 10 MHz to 2.5 GHz
Frequency Range
• Insertion Loss: 0.2 dB Typ
• Isolation: 50 dB typ
• VSWR: 1.1:1 typ
• RF Input Power Handling 5W max
• 50 Ohms Input and
Output Matched
• N Type Male RF Input Connector
• N Type Female RF
Output Connector
• DC Connector: Solder Post Pin
• Operational Temperature:
-55°C to +105°C
• Rating: 2.5A max DC Current
and +100V max DC Voltage




Similar Part No. - FMBT1625

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMBT1623 FAIRVIEW-FMBT1623 Datasheet
704Kb / 4P
10 MHz to 2.5 GHz N Broadband Bias Tee, Male Output, Rated to 2.5 Amps and 100 Volts, DC SMA connector
REV 1 A
FMBT1624 FAIRVIEW-FMBT1624 Datasheet
700Kb / 4P
10 MHz to 2.5 GHz SMA Broadband Bias Tee, Male Input, Rated to 2.5 Amps and 100 Volts, DC SMA connector
REV 1 A
FMBT1626 FAIRVIEW-FMBT1626 Datasheet
686Kb / 4P
10 MHz to 2.5 GHz SMA Broadband Bias Tee, Male Input, Rated to 2.5 Amps and 100 Volts, DC Pin
REV 1 A
FMBT1627 FAIRVIEW-FMBT1627 Datasheet
694Kb / 4P
10 MHz to 6 GHz SMA Broadband Bias Tee, Rated to 2.5 Amps and 100 Volts, DC Pin
REV 1 A
FMBT1628 FAIRVIEW-FMBT1628 Datasheet
704Kb / 4P
10 MHz to 6 GHz N Broadband Bias Tee, Male Output, Rated to 2.5 Amps and 100 Volts, DC BNC Connector
REV 1 A
More results


Similar Description - FMBT1625

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZNBT-60-1W MINI-ZNBT-60-1W Datasheet
38Kb / 1P
Bias-Tee Wideband, 2.5 to 6000 MHz
logo
Pasternack Enterprises,...
PE1604 PASTERNACK-PE1604 Datasheet
218Kb / 3P
100 MHz to 6 GHz SMA Bias Tee Rated To 500 mA And 50 Volts DC
PE1605 PASTERNACK-PE1605 Datasheet
361Kb / 2P
400 MHz to 10 GHz SMA Bias Tee Rated To 200 mA And 50 Volts DC
PE1611 PASTERNACK-PE1611 Datasheet
223Kb / 3P
10 MHz to 2.5 GHz SMA Bias Tee Rated
PE1612 PASTERNACK-PE1612 Datasheet
225Kb / 3P
10 MHz to 2.5 GHz N Bias Tee Rated
PE1614 PASTERNACK-PE1614 Datasheet
348Kb / 2P
30 MHz to 4 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
PE1616 PASTERNACK-PE1616 Datasheet
300Kb / 2P
10 MHz to 6 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
PE1617 PASTERNACK-PE1617 Datasheet
216Kb / 3P
250 MHz to 2.5 GHz SMA Bias Tee Rated
PE1618 PASTERNACK-PE1618 Datasheet
320Kb / 2P
500 MHz to 2.5 GHz N Bias Tee Rated
PE1621 PASTERNACK-PE1621 Datasheet
351Kb / 3P
10 MHz to 40 GHz 2.92mm Bias Tee Rated To 250 mA And 16 Volts DC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com