Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDB3632 Datasheet (PDF) - ON Semiconductor

FDB3632 Datasheet PDF - ON Semiconductor
Part # FDB3632
Download  FDB3632 Download
File Size   920.29 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel PowerTrench® MOSFET 100 V, 80 A, 9 mΩ

FDB3632 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDB3632 Datasheet PDF - ON Semiconductor

Part # FDB3632
Download  FDB3632 Click to download

File Size   920.29 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel PowerTrench® MOSFET 100 V, 80 A, 9 mΩ

FDB3632 Datasheet (HTML) - ON Semiconductor


FDB3632 Product details

Features
• RDS(ON) = 7.5 mΩ (Typ.), VGS = 10 V, ID = 80 A
• Qg(tot) = 84 nC (Typ.), VGS = 10 V
• Low Miller Charge
• Low Qrr Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
• RoHS Compliant

Applications
• Micro Solar Inverter
• Motor Drives and Uninterruptible Power Supplies
• Battery Protection Circuit
• Synchronous Rectification




Similar Part No. - FDB3632

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB3632 FAIRCHILD-FDB3632 Datasheet
267Kb / 11P
N-Channel PowerTrench MOSFET 100V, 80A, 9m?
FDB3632 FAIRCHILD-FDB3632 Datasheet
310Kb / 11P
N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
FDB3632 KEXIN-FDB3632 Datasheet
53Kb / 2P
N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDB3632 ISC-FDB3632 Datasheet
356Kb / 3P
isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDB3632-F085 ONSEMI-FDB3632-F085 Datasheet
1Mb / 12P
N-Channel PowerTrench® MOSFET 100V, 80A, 9mΩ
August-2017, Rev. 3
More results


Similar Description - FDB3632

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDB86569-F085 ONSEMI-FDB86569-F085 Datasheet
3Mb / 8P
MOSFET ??N-Channel, POWERTRENCH 60 V, 80 A, 5.6 m
May, 2020 ??Rev. 3
FDWS86068-F085 ONSEMI-FDWS86068-F085 Datasheet
156Kb / 6P
N-Channel POWERTRENCH MOSFET 100 V, 80 A, 6.4 m
March, 2018 ??Rev. 2
FDWS86368-F085 ONSEMI-FDWS86368-F085 Datasheet
426Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 80 A, 4.5 m
October, 2021 ??Rev. 4
FDWS86369-F085 ONSEMI-FDWS86369-F085 Datasheet
406Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 65 A, 7.5 m
October, 2021 ??Rev. 3
FDD86369-F085 ONSEMI-FDD86369-F085 Datasheet
543Kb / 7P
Channel PowerTrench® MOSFET 80 V, 90 A, 7.9 mΩ
August-2017,Rev. 2
logo
Renesas Technology Corp
RJK0603DPN-A0 RENESAS-RJK0603DPN-A0 Datasheet
513Kb / 7P
N-Channel MOSFET 60 V, 80 A, 5.2 mΩ
2020.1.9
RJK1001DPP-A0 RENESAS-RJK1001DPP-A0 Datasheet
439Kb / 7P
N-Channel MOSFET 100 V, 80 A, 5.5 mΩ
2020.1.9
RJK1002DPN-A0 RENESAS-RJK1002DPN-A0 Datasheet
383Kb / 7P
N-Channel MOSFET 100 V, 70 A, 7.6 mΩ
2020.1.9
N0605N RENESAS-N0605N Datasheet
676Kb / 7P
N-channel MOSFET 60 V, 80 A, 8.5 mΩ
2019.9.30
logo
Fairchild Semiconductor
FDMC7200 FAIRCHILD-FDMC7200 Datasheet
417Kb / 11P
Dual N-Channel PowerTrench® MOSFET 30 V, 12 mΩ and 23.5 mΩ
Rev.D1 June 2009
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com