Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE01123 Datasheet (PDF) - pro-elec

PE01123 Datasheet PDF - pro-elec
Part # PE01123
Download  PE01123 Download
File Size   195.26 Kbytes
Page   1 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description Power Cord IEC 60320 C14 to IEC 60320 C5

PE01123 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE01123 Datasheet PDF - pro-elec

Part # PE01123
Download  PE01123 Click to download

File Size   195.26 Kbytes
Page   1 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description Power Cord IEC 60320 C14 to IEC 60320 C5

PE01123 Datasheet (HTML) - pro-elec


PE01123 Product details

Description
Power Cord, IEC 60320 C14 to C5, 10A, 250V AC, 2m, Black




Similar Part No. - PE01123

ManufacturerPart #DatasheetDescription
logo
pro-elec
PE01107 PRO-ELEC-PE01107 Datasheet
193Kb / 1P
Power Cord C14 Inlet to C5 Socket
V1.0 16/09/20
PE01108 PRO-ELEC-PE01108 Datasheet
193Kb / 1P
Power Cord C14 Inlet to C5 Socket
V1.0 16/09/20
PE01114 PRO-ELEC-PE01114 Datasheet
149Kb / 2P
Mains Power Cord IEC 60320 C14 to C13
V1.0 16/02/22
More results


Similar Description - PE01123

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
42R04-X1X1 POWERDYNAMICS-42R04-X1X1 Datasheet
46Kb / 1P
IEC 60320 C14 & C16 MALE POWER CORD PLUG; R/A LEFT HANDED CONNECTION
42R04-X2X1 POWERDYNAMICS-42R04-X2X1 Datasheet
46Kb / 1P
IEC 60320 C14 & C16 MALE POWER CORD PLUG; R/A RIGHT HANDED CONNECTION
42R04-X3X1 POWERDYNAMICS-42R04-X3X1 Datasheet
225Kb / 1P
IEC 60320 C14 & C16 MALE POWER CORD PLUG; STRAIGHT CONNECTION
10080 POWERDYNAMICS-10080 Datasheet
55Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, RIGHT HANDED
10082 POWERDYNAMICS-10082 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, LEFT HANDED
10090 POWERDYNAMICS-10090 Datasheet
57Kb / 1P
N/A POWER CORD; 230cm LONG NEMA 5-15P TO IEC 60320 C5
10095 POWERDYNAMICS-10095 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, 100cm LONG, IEC 60320 C14 TO IEC 60320 C13
10096 POWERDYNAMICS-10096 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET IEC 60320 C14 TO IEC 60320 C13
15012 POWERDYNAMICS-15012 Datasheet
52Kb / 1P
AUSTRALIAN CORD SET, AS 3112 TO IEC 60320 C13
logo
Tripp Lite. All Rights ...
P014-000 TRIPPLITE-P014-000 Datasheet
159Kb / 2P
IEC C14 to IEC C5 Power Cord Adapter - 10A, 250V, Black
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com