Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM712Y Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

ASM712Y Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # ASM712Y
Download  ASM712Y Download
File Size   1518.51 Kbytes
Page   5 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description Asymmetrical TVS Diode

ASM712Y Datasheet (PDF)

Go To PDF Page Download Datasheet
ASM712Y Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # ASM712Y
Download  ASM712Y Click to download

File Size   1518.51 Kbytes
Page   5 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description Asymmetrical TVS Diode

ASM712Y Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.


ASM712Y Product details

Description
The ASM712Y is designed for asymmetrical (12V to –7V)
protection in multi-point data transmission application,
The ASM712Y replace four discrete components by integrating two 12V and two 7V TVS diodes in a single package. The ASM712Y complies with the IEC 61000-4-2
(ESD) with ±30kV air and ±30kV contact discharge. It is
assembled into a lead-free SOT-23 package. It is designed to protect components which are connected to
data and transmission lines from voltage surges.

Features
 Ultra low leakage: nA level
 Operating voltage: 7V or 12V
 Low clamping voltage
 Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-5 (Lightning) 17A or 12A (8/20μs)
 RoHS Compliant

Applications
 Wireless System
 Networks
 Portable Instrumentation
 RS485 Ports




Similar Part No. - ASM712Y

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
ASM712 APMICRO-ASM712 Datasheet
929Kb / 6P
Asymmetrical TVS Diode
ASM712H APMICRO-ASM712H Datasheet
637Kb / 6P
Asymmetrical TVS Diode
logo
Shanghai Shunye Electro...
ASM712H SHUNYE-ASM712H Datasheet
1Mb / 6P
Asymmetrical TVS Diode
V2.22
More results


Similar Description - ASM712Y

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG712FBS23 KEC-PG712FBS23 Datasheet
534Kb / 3P
Asymmetrical TVS Diode
logo
Littelfuse
SM712 LITTELFUSE-SM712 Datasheet
1Mb / 5P
600W Asymmetrical TVS Diode Array
SP712 LITTELFUSE-SP712 Datasheet
1Mb / 5P
640W Asymmetrical TVS Diode Array
logo
Applied Power Microelec...
ASM712 APMICRO-ASM712 Datasheet
929Kb / 6P
Asymmetrical TVS Diode
ASM712H APMICRO-ASM712H Datasheet
637Kb / 6P
Asymmetrical TVS Diode
ASM1235 APMICRO-ASM1235 Datasheet
479Kb / 5P
Asymmetrical TVS Diode
logo
AiT Semiconductor Inc.
SM712 AITSEMI-SM712 Datasheet
535Kb / 6P
TVS 400W ASYMMETRICAL TVS DIODE ARRAY
REV1.0
logo
TECH PUBLIC Electronics...
SM712-02HTG TECHPUBLIC-SM712-02HTG Datasheet
2Mb / 4P
Asymmetrical TVS Diode
SM712 TECHPUBLIC-SM712 Datasheet
2Mb / 4P
Asymmetrical TVS Diode
TPCDSOT23-SM712 TECHPUBLIC-TPCDSOT23-SM712 Datasheet
2Mb / 4P
Asymmetrical TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com