Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX97220A Datasheet (PDF) - Analog Devices

MAX97220A Datasheet PDF - Analog Devices
Part # MAX97220A
Download  MAX97220A Download
File Size   3372.76 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Differential Input DirectDrive Line Drivers/Headphone Amplifiers

MAX97220A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX97220A Datasheet PDF - Analog Devices

Part # MAX97220A
Download  MAX97220A Click to download

File Size   3372.76 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Differential Input DirectDrive Line Drivers/Headphone Amplifiers

MAX97220A Datasheet (HTML) - Analog Devices


MAX97220A Product details

Features
S Output Power 125mW into 32I with a 5V Supply
S 3VRMS Output Drive into 1kI with a 5V Supply
S 2VRMS Output Drive into 600I with a 3.3V Supply
S Fully Differential Inputs
S Fixed or Externally Adjustable Gain with No
Clicks or Pops
S Wide 2.5V to 5.5V Operating Range
S DirectDrive Outputs Eliminate DC-Blocking
Capacitors
S Flat THD+N, Better Than 90dB in the Audio Band
S 18-Bit SNR Performance, 112dB
S Footprint Compatible with the MAX9722




Similar Part No. - MAX97220A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97220A MAXIM-MAX97220A Datasheet
3Mb / 19P
Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 0; 1/11
MAX97220A MAXIM-MAX97220A Datasheet
3Mb / 19P
Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 1; 10/11
MAX97220A MAXIM-MAX97220A Datasheet
3Mb / 19P
Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 2; 7/12
MAX97220AETE MAXIM-MAX97220AETE Datasheet
3Mb / 19P
Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 0; 1/11
MAX97220AETE+ MAXIM-MAX97220AETE+ Datasheet
3Mb / 19P
Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 2; 7/12
More results


Similar Description - MAX97220A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9722A MAXIM-MAX9722A Datasheet
627Kb / 20P
5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 0; 10/03
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9722A MAXIM-MAX9722A_07 Datasheet
498Kb / 21P
5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 2; 10/07
MAX97220A MAXIM-MAX97220A Datasheet
3Mb / 19P
Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 0; 1/11
MAX97220A_1110 MAXIM-MAX97220A_1110 Datasheet
3Mb / 19P
Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 1; 10/11
MAX97220A_V2 MAXIM-MAX97220A_V2 Datasheet
3Mb / 19P
Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 2; 7/12
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX97220A MAXIM-MAX97220A_14 Datasheet
3Mb / 19P
Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 2; 7/12
logo
Shenzhen Huazhimei Semi...
HM97220 HMSEMI-HM97220 Datasheet
1Mb / 12P
125mW Direct Drive Line Drivers/Headphone Amplifiers
logo
Maxim Integrated Produc...
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com