| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX9722A
|
627Kb / 20P |
5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 0; 10/03 |
|
MAX9750
|
669Kb / 30P |
2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04 |
|
MAX9722A
|
498Kb / 21P |
5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 2; 10/07 |
|
MAX9728A
|
287Kb / 19P |
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09 |
|
MAX97220A
|
3Mb / 19P |
Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 0; 1/11 |
|
MAX97220A_1110
|
3Mb / 19P |
Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 1; 10/11 |
|
MAX9728AETC-T
|
309Kb / 19P |
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09 |
|
MAX97220A
|
3Mb / 19P |
Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 2; 7/12 |
 Shenzhen Huazhimei Semi... |
HM97220
|
1Mb / 12P |
125mW Direct Drive Line Drivers/Headphone Amplifiers
|
 Maxim Integrated Produc... |
MAX9728
|
309Kb / 19P |
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09 |