Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79428DCQR Datasheet (PDF) - Texas Instruments

TPS79428DCQR Datasheet PDF - Texas Instruments
Part # TPS79428DCQR
Download  TPS79428DCQR Download
File Size   4753.71 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS794 250mA, Low-Dropout Linear Regulator

TPS79428DCQR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS79428DCQR Datasheet PDF - Texas Instruments

Part # TPS79428DCQR
Download  TPS79428DCQR Click to download

File Size   4753.71 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS794 250mA, Low-Dropout Linear Regulator

TPS79428DCQR Datasheet (HTML) - Texas Instruments


TPS79428DCQR Product details

1 Features
• 250mA low-dropout regulator with enable
• Available in fixed and adjustable versions
• High PSRR: 60dB at 10kHz
• Fast start-up
• Excellent load, line transient response
• Very low dropout voltage: 155mV(typ) at full load
• Available in HVSSOP-8 and SOT223-6 packages

2 Applications
• TV applications
• Building automation
• Smartphones and tablets
• Connected peripherals and printers
• Home theater and entertainment applications

3 Description
The TPS794 low-dropout (LDO) linear voltage
regulator features high power-supply rejection ratio
(PSRR), low-noise, fast start-up, and excellent line
and load transient responses. Each device in the
family is stable with a small 2.2μF ceramic capacitor
on the output. The TPS794 offers low dropout
voltages, 155mV (typ) at 250mA.Applications with
analog components that are noise-sensitive, such as
portable RF electronics, benefit from the high PSRR
and low noise features as well as the fast response
time.




Similar Part No. - TPS79428DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79428DCQR TI-TPS79428DCQR Datasheet
487Kb / 15P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428DCQR TI1-TPS79428DCQR Datasheet
1Mb / 23P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Similar Description - TPS79428DCQR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
Low Dropout 250mA Linear Regulator
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
Low Dropout 250mA Linear Regulator
logo
Eorex Corporation
EP1202 EOREX-EP1202 Datasheet
385Kb / 8P
250mA Ultra Low Dropout Linear Regulator
EP1201 EOREX-EP1201 Datasheet
386Kb / 8P
250mA Ultra Low Dropout Linear Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
250mA Low-Dropout Regulator
logo
Eorex Corporation
EP1201 EOREX-EP1201_15 Datasheet
392Kb / 8P
250mA Ultra Low Dropout Linear Regulator
EP1202 EOREX-EP1202_15 Datasheet
391Kb / 8P
250mA Ultra Low Dropout Linear Regulator
logo
Monolithic Power System...
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
Low Dropout 250mA Linear Regulator
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
A6250A AITSEMI-A6250A Datasheet
747Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com