Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1622 Datasheet (PDF) - California Micro Devices Corp

CM1622 Datasheet PDF - California Micro Devices Corp
Part # CM1622
Download  CM1622 Download
File Size   348.38 Kbytes
Page   9 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description LCD and Camera EMI Filter Array with ESD Protection

CM1622 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1622 Datasheet PDF - California Micro Devices Corp

Part # CM1622
Download  CM1622 Click to download

File Size   348.38 Kbytes
Page   9 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description LCD and Camera EMI Filter Array with ESD Protection

CM1622 Datasheet (HTML) - California Micro Devices Corp


CM1622 Product details

Features
• Eight channels of EMI filtering with integrated ESD protection
• Pi-style EMI filters in a capacitor-resistor-capacitor (C-R-C) network
• ±15kV ESD protection on each channel (IEC 61000-4-2 Level 4, contact discharge)
• ±30kV ESD protection on each channel (HBM)
• Greater than -35dB attenuation (typical) at 1GHz
• NuDFN package with 0.40mm lead pitch:
    • 16-lead: 3.5mm x 1.20mm x 0.50mm
• Lead-free finishing

Applications
• LCD and camera data lines in mobile handsets
• I/O port protection for mobile handsets, notebook computers, PDAs, etc.
• EMI filtering for data ports in cell phones, PDAs or notebook computers
• Wireless handsets
• Handheld PCs/PDAs




Similar Part No. - CM1622

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1622-08DE ONSEMI-CM1622-08DE Datasheet
359Kb / 12P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
More results


Similar Description - CM1622

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
LCD and Camera EMI Filter Array with ESD Protection
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
LCD and Camera EMI Filter Array with ESD Protection
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
LCD and Camera EMI Filter Array with ESD Protection
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
More results




About California Micro Devices Corp


California Micro Devices Corp (CMD) was a semiconductor company that was headquartered in Milpitas, California, USA. The company specialized in the design and manufacture of protection devices, interface products, and mixed-signal integrated circuits for the consumer, computing, and communications markets.

CMD's products included ESD (Electrostatic Discharge) protection devices, TVS (Transient Voltage Suppression) diodes, and low-capacitance EMI (Electromagnetic Interference) filters. These products were used to protect electronic circuits from damage caused by electrostatic discharge, voltage transients, and electromagnetic interference.

CMD was founded in 1986 and became a publicly-traded company in 1993. In 2012, CMD was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions. Today, many of CMD's products are sold under ON Semiconductor's brand.

Overall, CMD was a trusted and reputable supplier of protection devices and interface products, with a strong reputation for quality and reliability.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com