Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1622 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM1622
Description  LCD and Camera EMI Filter Array with ESD Protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1622 Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM1622 Datasheet HTML 1Page - California Micro Devices Corp CM1622 Datasheet HTML 2Page - California Micro Devices Corp CM1622 Datasheet HTML 3Page - California Micro Devices Corp CM1622 Datasheet HTML 4Page - California Micro Devices Corp CM1622 Datasheet HTML 5Page - California Micro Devices Corp CM1622 Datasheet HTML 6Page - California Micro Devices Corp CM1622 Datasheet HTML 7Page - California Micro Devices Corp CM1622 Datasheet HTML 8Page - California Micro Devices Corp CM1622 Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2007 California Micro Devices Corp. All rights reserved.
06/13/07
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
3
CM1622
Preliminary
Specifications
Note 1: TA=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.
Note 3: These parameters are guaranteed by design and characterization.
Note 4: Attenuation / RF curves characterized by a network analyzer using microprobes.
Note 5: These parameters are NOT guaranteed by design, characterization and production.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
–65 to +150
°C
DC Power per Resistor
100
mW
DC Package Power Rating
500
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
–40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS (NOTE1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RResistance
IR= 20mA
85
100
115
Ω
CTOTAL
Total Channel Capacitance
At 2.5VDC Reverse Bias, 1MHz,
30mVAC
20
25
30
pF
C
Capacitance C
At 2.5VDC Reverse Bias, 1MHz,
30mVAC
12.5
pF
VDIODE
Standoff Voltage
IDIODE = 10μA6.0
V
ILEAK
Diode Leakage Current (reverse bias)
VDIODE =
+3.3V
0.01
0.2
μA
VSIG
Signal Clamp Voltage
ILOAD = 1.0mA
6.0
7.0
8.0
V
VESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-883,
Method 3015
b) Contact Discharge per IEC 61000-4-
2 Level 4
See notes 2 and 3.
±30
±15
kV
kV
RDYN
Dynamic Resistance
Positive
Negative
2.3
0.9
Ω
Ω
f
C
Cut-off Frequency
ZSOURCE = 50Ω, ZLOAD = 50Ω
Channel R = 100
Ω,
Channel C = 25pF
115
MHz
A1GHz
Absolute Attenuation @ 1GHz from 0dB
Level
ZSOURCE = 50Ω, Z LOAD = 50Ω,
DC Bias = 0V; See notes 1, 4, 5.
-35
dB
A800MHz -
6GHz
Absolute Attenuation @ 800MHz to
6GHz from 0dB Level
ZSOURCE = 50Ω, Z LOAD = 50Ω,
DC Bias = 0V; See notes 1, 4, 5.
30
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com