Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K200S Datasheet (PDF) - Altera Corporation

EPF10K200S Datasheet PDF - Altera Corporation
Part # EPF10K200S
Download  EPF10K200S Download
File Size   1395.75 Kbytes
Page   100 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Embedded Programmable Logic Device

EPF10K200S Datasheet (PDF)

Go To PDF Page Download Datasheet
EPF10K200S Datasheet PDF - Altera Corporation

Part # EPF10K200S
Download  EPF10K200S Click to download

File Size   1395.75 Kbytes
Page   100 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Embedded Programmable Logic Device

EPF10K200S Datasheet (HTML) - Altera Corporation


EPF10K200S Product details

General Description
Altera FLEX 10KE devices are enhanced versions of FLEX 10K devices. Based on reconfigurable CMOS SRAM elements, the FLEX architecture incorporates all features necessary to implement common gate array megafunctions. With up to 200,000 typical gates, FLEX 10KE devices provide the density, speed, and features to integrate entire systems, including multiple 32-bit buses, into a single device.

Features...
■ Embedded programmable logic devices (PLDs), providing system-on-a-programmable-chip (SOPC) integration in a single device
    – Enhanced embedded array for implementing megafunctions such as efficient memory and specialized logic functions
    – Dual-port capability with up to 16-bit width per embedded array block (EAB)
    – Logic array for general logic functions
■ High density
    – 30,000 to 200,000 typical gates (see Tables 1 and 2)
    – Up to 98,304 RAM bits (4,096 bits per EAB), all of which can be used without reducing logic capacity
■ System-level features
    – MultiVoltTM I/O pins can drive or be driven by 2.5-V, 3.3-V, or 5.0-V devices
    – Low power consumption
    – Bidirectional I/O performance (tSU and tCO) up to 212 MHz
    – Fully compliant with the PCI Special Interest Group (PCI SIG) PCI Local Bus Specification, Revision 2.2 for 3.3-V operation at 33 MHz or 66 MHz
    – -1 speed grade devices are compliant with PCI Local Bus Specification, Revision 2.2, for 5.0-V operation
    – Built-in Joint Test Action Group (JTAG) boundary-scan test (BST) circuitry compliant with IEEE Std. 1149.1-1990, available without consuming additional device logic
    – Fabricated on an advanced process and operate with a 2.5-V internal supply voltage
    – In-circuit reconfigurability (ICR) via external configuration devices, intelligent controller, or JTAG port
    – ClockLockTM and ClockBoostTM options for reduced clock delay/skew and clock multiplication
    – Built-in low-skew clock distribution trees
    – 100% functional testing of all devices; test vectors or scan chains are not required
    – Pull-up on I/O pins before and during configuration
■ Flexible interconnect
    – FastTrack® Interconnect continuous routing structure for fast, predictable interconnect delays
    – Dedicated carry chain that implements arithmetic functions such as fast adders, counters, and comparators (automatically used by software tools and megafunctions)
    – Dedicated cascade chain that implements high-speed, high-fan-in logic functions (automatically used by software tools and megafunctions)
    – Tri-state emulation that implements internal tri-state buses
    – Up to six global clock signals and four global clear signals
■ Powerful I/O pins
    – Individual tri-state output enable control for each pin
    – Open-drain option on each I/O pin
    – Programmable output slew-rate control to reduce switching noise
    – Clamp to VCCIO user-selectable on a pin-by-pin basis
    – Supports hot-socketing
■ Software design support and automatic place-and-route provided by Altera’s development systems for Windows-based PCs and Sun SPARCstation, and HP 9000 Series 700/800
■ Flexible package options
    – Available in a variety of packages with 144 to 672 pins, including the innovative FineLine BGATM packages (see Tables 3 and 4)
    – SameFrameTM pin-out compatibility between FLEX 10KA and FLEX 10KE devices across a range of device densities and pin counts
■ Additional design entry and simulation support provided by EDIF 2 0 0 and 3 0 0 netlist files, library of parameterized modules (LPM), DesignWare components, Verilog HDL, VHDL, and other interfaces to popular EDA tools from manufacturers such as Cadence, Exemplar Logic, Mentor Graphics, OrCAD, Synopsys, Synplicity, VeriBest, and Viewlogic




Similar Part No. - EPF10K200S

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K200S ALTERA-EPF10K200S Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K200S ALTERA-EPF10K200S Datasheet
1Mb / 100P
Embedded Programmable Logic Device
More results


Similar Description - EPF10K200S

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
FLEX10KE ALTERA-FLEX10KE Datasheet
1Mb / 100P
Embedded Programmable Logic Device
EPF10K100B ALTERA-EPF10K100B Datasheet
60Kb / 1P
Embedded Programmable Logic Device
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K50EQC240-1N ALTERA-EPF10K50EQC240-1N Datasheet
1Mb / 100P
Embedded Programmable Logic Device
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K50EFC484-1 ALTERA-EPF10K50EFC484-1 Datasheet
1Mb / 100P
Embedded Programmable Logic Device
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com