Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC0380D-Q1 Datasheet (PDF) - Texas Instruments

AMC0380D-Q1 Datasheet PDF - Texas Instruments
Part # AMC0380D-Q1
Download  AMC0380D-Q1 Download
File Size   1333.78 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC0380D-Q1 Automotive, Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With Fixed-Gain Differential Output

AMC0380D-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC0380D-Q1 Datasheet PDF - Texas Instruments

Part # AMC0380D-Q1
Download  AMC0380D-Q1 Click to download

File Size   1333.78 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC0380D-Q1 Automotive, Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With Fixed-Gain Differential Output

AMC0380D-Q1 Datasheet (HTML) - Texas Instruments


AMC0380D-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Integrated, high-voltage resistive divider for direct
AC voltage sensing without external resistors
• Differential output
• Supply voltage range:
– High-side (VDD1): 3.0V to 5.5V
– Low-side (VDD2): 3.0V to 5.5V
• Low DC errors:
– Offset error: ±0.8mV (maximum)
– Offset drift: ±10μV/°C (maximum)
– Attenuation error: ±0.25% (maximum)
– Attenuation drift: ±40ppm/°C (maximum)
– Nonlinearity: 0.025% (maximum)
• High CMTI: 150V/ns (minimum)
• Low EMI: Meets CISPR-11 and CISPR-25 limits
• Available input options:
– AMC0380D04-Q1: ±400V, 8.3MΩ
– AMC0380D06-Q1: ±600V, 10MΩ
• Safety-related certifications:
– 7000VPK reinforced isolation per DIN EN IEC
60747-17 (VDE 0884-17)
– 5000VRMS isolation for 1 minute per UL 1577

2 Applications
• Traction inverters
• Onboard chargers
• DC/DC converters
• Battery junction boxes

3 Description
The AMC0380D-Q1 is a precision, galvanically
isolated amplifier with a high-voltage AC, high
impedance input, and fixed-gain differential output.
The input is designed to connect directly to a highvoltage
signal source.
The isolation barrier separates parts of the system
that operate on different common-mode voltage
levels. The isolation barrier is highly resistant to
magnetic interference and is certified to provide
reinforced isolation up to 5kVRMS (60s).
The AMC0380D-Q1 outputs a differential signal
proportional to the input voltage. The differential
output is insensitive to ground shifts and enables
routing the output signal over long distances.
The AMC0380D-Q1 is available in two linear
input voltage ranges: ±400 and ±600V. With an
integrated precision resistive divider, the AMC0380DQ1
achieves better than 1% accuracy over the full
temperature range, including lifetime drift.
The AMC0380D-Q1 is available in a 15-pin, 0.65mm
pitch SSOP package. The device is fully specified
over the temperature range from –40°C to +125°C.




Similar Part No. - AMC0380D-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC0380D-Q1 TI-AMC0380D-Q1 Datasheet
985Kb / 23P
AMC0380D-Q1 Automotive, Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With Fixed-Gain Differential Output
OCTOBER 2024
AMC0380D-Q1 TI2-AMC0380D-Q1 Datasheet
952Kb / 23P
AMC0380D-Q1 Automotive, Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With Fixed-Gain Differential Output
OCTOBER 2024
AMC0380D-Q1 TI2-AMC0380D-Q1 Datasheet
1Mb / 30P
AMC0380D Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With Fixed-Gain Differential Output
SEPTEMBER 2025
AMC0380D-Q1 TI2-AMC0380D-Q1 Datasheet
1Mb / 30P
AMC0380D-Q1 Automotive, Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With Fixed-Gain Differential Output
REVISED SEPTEMBER 2025
AMC0380D-Q1 TI2-AMC0380D-Q1_V01 Datasheet
1Mb / 30P
AMC0380D-Q1 Automotive, Precision, High-Voltage AC Input, Reinforced Isolated Amplifier With Fixed-Gain Differential Output
REVISED SEPTEMBER 2025
More results


Similar Description - AMC0380D-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC3330-Q1 TI1-AMC3330-Q1 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302-Q1 TI-AMC3302-Q1 Datasheet
2Mb / 37P
AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC1350-Q1 TI-AMC1350-Q1 Datasheet
2Mb / 37P
AMC1350-Q1 Automotive, Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1351-Q1 TI-AMC1351-Q1 Datasheet
2Mb / 36P
AMC1351-Q1 Automotive, Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1306M05-Q1 TI-AMC1306M05-Q1 Datasheet
2Mb / 36P
AMC1306M05-Q1 Automotive, High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
AMC1306M25-Q1 TI-AMC1306M25-Q1 Datasheet
2Mb / 36P
AMC1306M25-Q1 Automotive, High-Precision, 짹250-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
AMC3311-Q1 TI-AMC3311-Q1 Datasheet
1Mb / 27P
AMC3311-Q1 Automotive, Precision, ±1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
JUNE 2023
AMC3311-Q1 TI-AMC3311-Q1_V01 Datasheet
1Mb / 36P
AMC3311-Q1 Automotive, Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com