Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3HDX12212ZLDEX Datasheet (PDF) - Diodes Incorporated

PI3HDX12212ZLDEX Datasheet PDF - Diodes Incorporated
Part # PI3HDX12212ZLDEX
Download  PI3HDX12212ZLDEX Download
File Size   711.41 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.3V 12.0Gbps HDMI2.1 1-to-2 Active DeMux Linear ReDriver

PI3HDX12212ZLDEX Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3HDX12212ZLDEX Datasheet PDF - Diodes Incorporated

Part # PI3HDX12212ZLDEX
Download  PI3HDX12212ZLDEX Click to download

File Size   711.41 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.3V 12.0Gbps HDMI2.1 1-to-2 Active DeMux Linear ReDriver

PI3HDX12212ZLDEX Datasheet (HTML) - Diodes Incorporated


PI3HDX12212ZLDEX Product details

Features
ÎÎ1-to-2 Active DeMux Configuration for 4-lane HDMI
Operation
ÎÎData Rate Support up to 12Gbps to cover 12Gbps HDMI2.1,
6Gbps HDMI2.0 Speeds
ÎÎQuad-level Pin Strap Control through Combinational Logic
Table for Equalizer Gain Value Selection
ÎÎQuad-level Pin Strap Control for Flat Gain and Output
Swing Linearity Selection
ÎÎInput Signal Detection for Automatic Power Saving Mode
ÎÎSingle Power Supply: 3.3v +/-0.3v
ÎÎIndustrial Temperature Support: -40oC to +85oC
ÎÎTotally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
ÎÎHalogen and Antimony Free. “Green” Device (Note 3)
ÎÎFor automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/

Applications
Description
ÎÎMobile Workstation
ÎÎMobile Gaming Notebook
ÎÎDocking, KVM and PC Peripherals
ÎÎDisplay Monitors
ÎÎAll-in-One PC
ÎÎIndustrial Computing
ÎÎEmbedded System
The PI3HDX12212 is a 1-to-2 Active DeMux linear ReDriver
for 4-lane HDMI link with data rate support up to 12.0Gbps
for HDMI2.1 (12Gbps), HDMI2.0 (6Gbps), HDMI1.4 (3.4Gbps),
HDMI1.2 (2.5Gbps) standards. The maximum equalizer
gain controls are +14dB (HDMI2.1@6GHz) and +8.5dB
(HDMI2.0@3GHz) to compensate the insertion loss along the
channel connection.
The non-blocking linear ReDriver design ensures that the differential
signals conveying pre-shoot and de-emphasis equalization
waveforms be transmitted from source-side to receiver-
side with DFE. It helps to optimize the overall channel link
adjustment conducted by the system transmitter and receiver.
The CTLE equalizers are implemented at the inputs of the Re-
Driver to reduce the ISI jitters and compensate channel loss.
The programmable flat gain and linearity adjustments support
the eye diagram opening.
With the combinational logic control design, users can use pin
strap method to select different EQ gains, flat gains, and output
swing linearity for flexible design tuning.




Similar Part No. - PI3HDX12212ZLDEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3HDX12211A DIODES-PI3HDX12211A Datasheet
676Kb / 1P
4 Channel HDMI2.1 Linear Redriver with Low Equalizer Option
Rev 2 March 2021
PI3HDX12211AZHEX DIODES-PI3HDX12211AZHEX Datasheet
676Kb / 1P
4 Channel HDMI2.1 Linear Redriver with Low Equalizer Option
Rev 2 March 2021
More results


Similar Description - PI3HDX12212ZLDEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
3.3V, Quad 2:1 Mux/Demux Bus Switch
PI3B3257A PERICOM-PI3B3257A Datasheet
313Kb / 4P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3V724 PERICOM-PI3V724 Datasheet
1Mb / 14P
1 to 2 VGA Demux
PI3B3257A PERICOM-PI3B3257A_11 Datasheet
469Kb / 4P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
ON Semiconductor
NB7NPQ7021M ONSEMI-NB7NPQ7021M Datasheet
109Kb / 9P
3.3V USB 3.1 Dual Channel Linear Redriver
December, 2017 ??Rev. 1
logo
Texas Instruments
DS160PR412 TI-DS160PR412 Datasheet
3Mb / 37P
DS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
SN75LVPE5412 TI-SN75LVPE5412 Datasheet
2Mb / 34P
SN75LVPE5412 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 1:2 Demux
DECEMBER 2021
logo
Diodes Incorporated
PI3B3257 DIODES-PI3B3257_V01 Datasheet
1Mb / 8P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
April 2018
logo
Texas Instruments
TUSB1142 TI-TUSB1142 Datasheet
1Mb / 55P
TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
APRIL 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com