Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3HDX12211A Datasheet (PDF) - Diodes Incorporated

PI3HDX12211A Datasheet PDF - Diodes Incorporated
Part # PI3HDX12211A
Download  PI3HDX12211A Download
File Size   676.45 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4 Channel HDMI2.1 Linear Redriver with Low Equalizer Option

PI3HDX12211A Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3HDX12211A Datasheet PDF - Diodes Incorporated

Part # PI3HDX12211A
Download  PI3HDX12211A Click to download

File Size   676.45 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4 Channel HDMI2.1 Linear Redriver with Low Equalizer Option

PI3HDX12211A Datasheet (HTML) - Diodes Incorporated


PI3HDX12211A Product details

Features
ÎÎSupports 12Gbps HDMI2.1 signals with non-blocking linear
redriver via I2C or pin control settings
ÎÎSupports 4 differential channels
ÎÎSupports 11dB gain compensation @6GHz
ÎÎIndependent channel configuration of receiver equalization,
output swing and flat gain in I2C control mode
ÎÎTransparent to link training, rate and coding
ÎÎ220mW per channel power dissipation with 1200mVpp
output swing
ÎÎSupports back current leakage free (Ioff) on I2C and HDMI
output pins
ÎÎSupports I2C slave mode setting and I2C master mode for
external EEPROM setting
ÎÎPin strap value latched into I2C register
ÎÎ3-bit selectable address bit for I2C
ÎÎSupply Voltage: 3.3V±0.3V
ÎÎIndustrial Temperature Range: -40oC to 85oC
ÎÎTotally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
ÎÎHalogen and Antimony Free. “Green” Device (Note 3)
ÎÎFor automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/

Applications
Description
ÎÎLaptop and Desktop PC
ÎÎGaming Console
ÎÎDTV and Set-top-Box
ÎÎDocking Station and Peripherals
Diodes’ PI3HDX12211A is a multi-data rate, 4 differential channels
ReDriver™. The device provides programmable linear
equalization, output swing and flat gain, by either pin strapping
option or I2C Control, to optimize performance over a variety of
physical mediums by reducing Inter-symbol interference.
PI3HDX12211A supports four 100Ω Differential CML data I/O’s
and extends the signals across other distant data pathways on
the user’s platform.
The integrated equalization circuitry provides flexibility with
signal integrity of the signal before the ReDriver, whereas the
integrated linear amplifier/buffer circuitry provides flexibility
with signal integrity of the signal after the ReDriver. The chip
provides low equalizer options for short prechannel.




Similar Part No. - PI3HDX12211A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3HDX12212 DIODES-PI3HDX12212 Datasheet
711Kb / 1P
3.3V 12.0Gbps HDMI2.1 1-to-2 Active DeMux Linear ReDriver
Rev 3 June 2021
PI3HDX12212ZLDEX DIODES-PI3HDX12212ZLDEX Datasheet
711Kb / 1P
3.3V 12.0Gbps HDMI2.1 1-to-2 Active DeMux Linear ReDriver
Rev 3 June 2021
More results


Similar Description - PI3HDX12211A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502 TI-SN65LVPE502 Datasheet
1Mb / 24P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502_1 Datasheet
1Mb / 27P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI-SN65LVPE502CP Datasheet
3Mb / 29P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI1-SN65LVPE502_12 Datasheet
1Mb / 28P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A Datasheet
3Mb / 29P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI1-SN65LVPE502CP_12 Datasheet
3Mb / 29P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE501 TI1-SN65LVPE501 Datasheet
1Mb / 24P
Dual Channel x1 PCIe Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A_15 Datasheet
4Mb / 33P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
Dual-Channel USB 3.0 Redriver, Equalizer
DS560MB410 TI-DS560MB410 Datasheet
752Kb / 12P
DS560MB410 Low-Power 56-Gbps PAM4 4-Channel Linear Redriver with Crosspoint
DECEMBER 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com