Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3HDX12211A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3HDX12211A
Description  4 Channel HDMI2.1 Linear Redriver with Low Equalizer Option
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3HDX12211A Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3HDX12211A Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A product Line of
Diodes Incorporated
diodes.com | 1-408-232-9100
PRODUCT BRIEF
PI3HDX12211A
4 Channel HDMI2.1 Linear Redriver with Low Equalizer Option
Applications
Features
Description
Î
Î
Laptop and Desktop PC
Î
Î
Gaming Console
Î
Î
DTV and Set-top-Box
Î
Î
Docking Station and Peripherals
Ordering Information
Part Number
Package Code
Description
PI3HDX12211AZHEX
ZH
42-Contact, Thin Fine Pitch
Quad Flat No-Lead (TQFN)
Conditional
pullup, 50-Ohm
or HIZ
VCC
O+
O-
CML Input buffer
I+
I-
Equalizer
Linear
Amp
VCC
Conditional input
Load: 50-Ohm or
78K-ohm
Equalization
control (3-bits)
Buffer
Swing
control
Flat
gain
control
Flat gain
control (2-bits)
Output Swing
control (2-bits)
Power
management
PRSNT#
CML output
amplifier
^^ Repeats 4x ^^
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/
EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about
Diodes Incorporated’s definitions of Halogen- and Antimony-free, “Green” and
Lead-free.
3. Halogen- and Antimony-free “Green” products are defined as those which
contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. E = Pb-free and Green
5. X suffix = Tape/Reel
Block Diagram
b
P
Lead-free Green
Rev 2
March 2021
Î
Î
Supports 12Gbps HDMI2.1 signals with non-blocking linear
redriver via I2C or pin control settings
Î
Î
Supports 4 differential channels
Î
Î
Supports 11dB gain compensation @6GHz
Î
Î
Independent channel configuration of receiver equalization,
output swing and flat gain in I2C control mode
Î
Î
Transparent to link training, rate and coding
Î
Î
220mW per channel power dissipation with 1200mVpp
output swing
Î
Î
Supports back current leakage free (Ioff) on I2C and HDMI
output pins
Î
Î
Supports I2C slave mode setting and I2C master mode for
external EEPROM setting
Î
Î
Pin strap value latched into I2C register
Î
Î
3-bit selectable address bit for I2C
Î
Î
Supply Voltage: 3.3V±0.3V
Î
Î
Industrial Temperature Range: -40oC to 85oC
Î
Î
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Î
Î
Halogen and Antimony Free. “Green” Device (Note 3)
Î
Î
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
Diodes’ PI3HDX12211A is a multi-data rate, 4 differential chan-
nels ReDriver™. The device provides programmable linear
equalization, output swing and flat gain, by either pin strapping
option or I2C Control, to optimize performance over a variety of
physical mediums by reducing Inter-symbol interference.
PI3HDX12211A supports four 100Ω Differential CML data I/O’s
and extends the signals across other distant data pathways on
the user’s platform.
The integrated equalization circuitry provides flexibility with
signal integrity of the signal before the ReDriver, whereas the
integrated linear amplifier/buffer circuitry provides flexibility
with signal integrity of the signal after the ReDriver. The chip
provides low equalizer options for short prechannel.
ReDriver is a trademark of Diodes Incorporated.


Similar Part No. - PI3HDX12211A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3HDX12212 DIODES-PI3HDX12212 Datasheet
711Kb / 1P
3.3V 12.0Gbps HDMI2.1 1-to-2 Active DeMux Linear ReDriver
Rev 3 June 2021
PI3HDX12212ZLDEX DIODES-PI3HDX12212ZLDEX Datasheet
711Kb / 1P
3.3V 12.0Gbps HDMI2.1 1-to-2 Active DeMux Linear ReDriver
Rev 3 June 2021
More results

Similar Description - PI3HDX12211A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502 TI-SN65LVPE502 Datasheet
1Mb / 24P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502_1 Datasheet
1Mb / 27P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI-SN65LVPE502CP Datasheet
3Mb / 29P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI1-SN65LVPE502_12 Datasheet
1Mb / 28P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A Datasheet
3Mb / 29P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI1-SN65LVPE502CP_12 Datasheet
3Mb / 29P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE501 TI1-SN65LVPE501 Datasheet
1Mb / 24P
Dual Channel x1 PCIe Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A_15 Datasheet
4Mb / 33P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
Dual-Channel USB 3.0 Redriver, Equalizer
DS560MB410 TI-DS560MB410 Datasheet
752Kb / 12P
DS560MB410 Low-Power 56-Gbps PAM4 4-Channel Linear Redriver with Crosspoint
DECEMBER 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com