Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4685 Datasheet (PDF) - ON Semiconductor

FDS4685 Datasheet PDF - ON Semiconductor
Part # FDS4685
Download  FDS4685 Download
File Size   611.72 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 40V P-Channel PowerTrench® MOSFET

FDS4685 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS4685 Datasheet PDF - ON Semiconductor

Part # FDS4685
Download  FDS4685 Click to download

File Size   611.72 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 40V P-Channel PowerTrench® MOSFET

FDS4685 Datasheet (HTML) - ON Semiconductor


FDS4685 Product details

Features
■ –8.2 A, –40 V RDS(ON) = 0.027 Ω @ VGS = –10 V
RDS(ON) = 0.035 Ω @ VGS = –4.5 V
■ Fast switching speed
■ High performance trench technology for extremely low RDS(ON)
■ High power and current handling capability

Applications
■ Power management
■ Load switch
■ Battery protection

General Description
This P-Channel MOSFET is a rugged gate version of Fairchild Semiconductor’s advanced PowerTrench process. It has been optimized for power management applications requiring a wide range of gate drive voltage ratings (4.5V – 20V).




Similar Part No. - FDS4685

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4685 FAIRCHILD-FDS4685 Datasheet
506Kb / 5P
40V P-Channel PowerTrench MOSFET
logo
TECH PUBLIC Electronics...
FDS4685 TECHPUBLIC-FDS4685 Datasheet
3Mb / 5P
P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
FDS4685-NL VBSEMI-FDS4685-NL Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
More results


Similar Description - FDS4685

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4070N3 FAIRCHILD-FDS4070N3 Datasheet
193Kb / 7P
40V N-Channel PowerTrench MOSFET
FDS4072N7 FAIRCHILD-FDS4072N7 Datasheet
199Kb / 7P
40V N-Channel PowerTrench MOSFET
FDS4470 FAIRCHILD-FDS4470 Datasheet
87Kb / 6P
40V N-Channel PowerTrench MOSFET
FDS4675 FAIRCHILD-FDS4675 Datasheet
73Kb / 5P
40V P-Channel PowerTrench MOSFET
FDS4770 FAIRCHILD-FDS4770 Datasheet
123Kb / 6P
40V N-Channel PowerTrench MOSFET
FDS4685 FAIRCHILD-FDS4685 Datasheet
506Kb / 5P
40V P-Channel PowerTrench MOSFET
FDD4685 FAIRCHILD-FDD4685 Datasheet
402Kb / 6P
40V P-Channel PowerTrench MOSFET -40V -32A 27m ohm
FDD4243 FAIRCHILD-FDD4243 Datasheet
419Kb / 6P
40V P-Channel PowerTrench MOSFET -40V, -14A, 44mohm
logo
ON Semiconductor
FDP8442-F085 ONSEMI-FDP8442-F085 Datasheet
513Kb / 8P
N-Channel PowerTrench® MOSFET 40V, 80A, 3.1mΩ
September-2017, Rev. 2
FDP8443-F085 ONSEMI-FDP8443-F085 Datasheet
555Kb / 8P
N-Channel PowerTrench® MOSFET 40V, 80A, 3.5mΩ
September-2017, Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com