Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB2080CT Datasheet (PDF) - Inchange Semiconductor Company Limited

MBRB2080CT Datasheet PDF - Inchange Semiconductor Company Limited
Part # MBRB2080CT
Download  MBRB2080CT Download
File Size   258.07 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Schottky Barrier Diode

MBRB2080CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRB2080CT Datasheet PDF - Inchange Semiconductor Company Limited

Part # MBRB2080CT
Download  MBRB2080CT Click to download

File Size   258.07 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Schottky Barrier Diode

MBRB2080CT Datasheet (HTML) - Inchange Semiconductor Company Limited


MBRB2080CT Product details

FEATURES
· Low Forward Voltage Drop
· High Frequency Operation
· 150℃ Tj Operation
APPLICATIONS
· Switching Power Supplies
· Converters
· Freewheeling Diodes




Similar Part No. - MBRB2080CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRB2080CT DIODES-MBRB2080CT Datasheet
58Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30177 Rev. B-2
logo
Micro Commercial Compon...
MBRB2080CT MCC-MBRB2080CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Galaxy Semi-Conductor H...
MBRB2080CT BILIN-MBRB2080CT Datasheet
180Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
Vishay Siliconix
MBRB2080CT VISHAY-MBRB2080CT Datasheet
132Kb / 6P
Schottky Rectifier, 2 x 10 A
21-Aug-08
logo
Micro Commercial Compon...
MBRB2080CT MCC-MBRB2080CT Datasheet
467Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Similar Description - MBRB2080CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com