Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB2080CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBRB2080CT
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBRB2080CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBRB2080CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBRB2080CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited MBRB2080CT Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diode
MBRB2080CT
www.iscsemi.com
1
FEATURES
· Low Forward Voltage Drop
· High Frequency Operation
· 150℃ Tj Operation
APPLICATIONS
· Switching Power Supplies
· Converters
· Freewheeling Diodes
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
80
V
IF(AV)
Average Rectified Forward Current
10×2
A
IFSM
Non-repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Half Wave, Single
Phase, 60Hz )
150
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.0
℃
/W


Similar Part No. - MBRB2080CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRB2080CT DIODES-MBRB2080CT Datasheet
58Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30177 Rev. B-2
logo
Micro Commercial Compon...
MBRB2080CT MCC-MBRB2080CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Galaxy Semi-Conductor H...
MBRB2080CT BILIN-MBRB2080CT Datasheet
180Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
Vishay Siliconix
MBRB2080CT VISHAY-MBRB2080CT Datasheet
132Kb / 6P
Schottky Rectifier, 2 x 10 A
21-Aug-08
logo
Micro Commercial Compon...
MBRB2080CT MCC-MBRB2080CT Datasheet
467Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBRB2080CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com