Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV1S9260A Datasheet (PDF) - Renesas Technology Corp

RV1S9260A Datasheet PDF - Renesas Technology Corp
Part # RV1S9260A
Download  RV1S9260A Download
File Size   472.62 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH CMTI, 15 Mbps CMOS OUTPUT, LOW FORWARD-CURRENT (IF) 3.3 V/ 5 V OPERATION, 5-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER

RV1S9260A Datasheet (PDF)

Go To PDF Page Download Datasheet
RV1S9260A Datasheet PDF - Renesas Technology Corp

Part # RV1S9260A
Download  RV1S9260A Click to download

File Size   472.62 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH CMTI, 15 Mbps CMOS OUTPUT, LOW FORWARD-CURRENT (IF) 3.3 V/ 5 V OPERATION, 5-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER

RV1S9260A Datasheet (HTML) - Renesas Technology Corp


RV1S9260A Product details

• Small and long creepage (8.2 mm MIN, LSSO5)
• High speed switching (15 Mbps)
• Operating ambient temperature (125 °C MAX.)
• High common mode transient immunity (|CMH|, |CML| = 50 kV/μs MIN.)
• High isolation voltage (BV = 5 000 Vr.m.s.)
• Low input drive current (IFHL = 2.6 mA MAX.)
• Low voltage power supply operation (VDD = 2.7 V ~ 5.5 V)
• Low pulse width distortion (PWD = 20 ns MAX.)
• Embossed tape product :RV1S9260ACCSP-10Yx#KC0: 3500 pcs/reel
• Pb-free product
• Safety standard
• UL :UL1577, Double protection
• CSA :CAN/CSA-C22.2 No.62368-1, Reinforced insulation
• VDE :DIN EN IEC 60747-5-5 (Option)




Similar Part No. - RV1S9260A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RV1S9260A RENESAS-RV1S9260A Datasheet
6Mb / 15P
HIGH CMR, 15Mbps CMOS OUTPUT, LOW FORWARD-CURRENT(IF) 3.3V/5V OPERATION,
Nov 11,2019
More results


Similar Description - RV1S9260A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9121-A CEL-PS9121-A Datasheet
287Kb / 15P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
logo
Renesas Technology Corp
PS9121 RENESAS-PS9121 Datasheet
293Kb / 17P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
PS9121 RENESAS-PS9121_15 Datasheet
301Kb / 17P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
RV1S9061A RENESAS-RV1S9061A Datasheet
348Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN with 8 mm creepage distance package LSO5 PHOTOCOUPLER
May 09, 2022
RV1S9062A RENESAS-RV1S9062A Datasheet
304Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN with 8 mm creepage distance package LSO5 PHOTOCOUPLER
May 09, 2022
RV1S9160A RENESAS-RV1S9160A Datasheet
6Mb / 14P
HIGH CMR, 15Mbps CMOS OUTPUT, LOW FORWARD-CURRENT(IF) 3.3V/5V OPERATION, 5-PIN SOP PHOTOCOUPLER
Mar 06, 2020
RV1S9161A RENESAS-RV1S9161A Datasheet
372Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN SOP PHOTOCOUPLER
May 09, 2022
RV1S9162A RENESAS-RV1S9162A Datasheet
371Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER 5-PIN SOP PHOTOCOUPLER
May 09, 2022
RV1S9261A RENESAS-RV1S9261A Datasheet
350Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
May 09, 2022
RV1S9262A RENESAS-RV1S9262A Datasheet
349Kb / 17P
15 Mbps, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2 mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
May 09, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com