Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL6002 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NL6002 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NL6002
Download  NL6002 Download
File Size   1246.47 Kbytes
Page   35 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Precision, Low Power, Rail-to-Rail Input/Output, High EMC performance Operational Amplifier

NL6002 Datasheet (PDF)

Go To PDF Page Download Datasheet
NL6002 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NL6002
Download  NL6002 Click to download

File Size   1246.47 Kbytes
Page   35 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Precision, Low Power, Rail-to-Rail Input/Output, High EMC performance Operational Amplifier

NL6002 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NL6002 Product details

FEATURES
Low Input Offset Voltage 150μV max.
Low Input Offset Voltage Drift 0.9μV/°C max.
Operating Voltage 1.6V to 5.5V
Rail-to-Rail Input / Output
Internal EMI filter EMIRR = 96 dB at f = 1.8GHz
Low Supply Current 15μA/ch
Low Input Bias Current 1pA
CMOS Architecture
Operating Temperature Range -40°C to 125°C
Package SOT-23-5-DC
EMP-8-AN, VSP-8-AF, DFN3030-8-GF
SSOP-14-BC




Similar Part No. - NL6002

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NL6010 NISSHINBO-NL6010 Datasheet
1Mb / 41P
Low power, Zero-Drift, High EMC Performance Rail-to-Rail I/O, Operational Amplifier
Ver.1.2
NL6010DCAE1D NISSHINBO-NL6010DCAE1D Datasheet
1Mb / 41P
Low power, Zero-Drift, High EMC Performance Rail-to-Rail I/O, Operational Amplifier
Ver.1.2
NL6011 NISSHINBO-NL6011 Datasheet
1Mb / 41P
Low power, Zero-Drift, High EMC Performance Rail-to-Rail I/O, Operational Amplifier
Ver.1.2
NL6011DBAE1D NISSHINBO-NL6011DBAE1D Datasheet
1Mb / 41P
Low power, Zero-Drift, High EMC Performance Rail-to-Rail I/O, Operational Amplifier
Ver.1.2
NL6012 NISSHINBO-NL6012 Datasheet
1Mb / 41P
Low power, Zero-Drift, High EMC Performance Rail-to-Rail I/O, Operational Amplifier
Ver.1.2
More results


Similar Description - NL6002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011 Datasheet
582Kb / 15P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
National Semiconductor ...
LMP2011 NSC-LMP2011_08 Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_08 Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
OPA207 TI1-OPA207 Datasheet
921Kb / 31P
Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
OPA207 TI-OPA207_19 Datasheet
1Mb / 34P
Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com