Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL6012 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NL6012 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NL6012
Download  NL6012 Download
File Size   1607.05 Kbytes
Page   41 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low power, Zero-Drift, High EMC Performance Rail-to-Rail I/O, Operational Amplifier

NL6012 Datasheet (PDF)

Go To PDF Page Download Datasheet
NL6012 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NL6012
Download  NL6012 Click to download

File Size   1607.05 Kbytes
Page   41 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low power, Zero-Drift, High EMC Performance Rail-to-Rail I/O, Operational Amplifier

NL6012 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NL6012 Product details

FEATURES
Low Input Offset Voltage 10μV max.
Zero-Drift 0.05μV/°C max.
Low Supply Current
NL6010/NL6011 17μA
NL6012 15μA/ch
Rail-to-Rail Input and Output
Supply Voltage 2.1V to 5.5V
Input Bias Current 30pA
Gain Bandwidth Product 260kHz
Slew Rate 0.11V/μs
Equivalent Input Noise Voltage 60nV/√Hz
Integrated EMI Filter
No phase-reversal
CMOS Architecture
Package: SOT-23-5-DC, SC-88A-DB
VSP-8-AF




Similar Part No. - NL6012

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NL6000 NISSHINBO-NL6000 Datasheet
1Mb / 35P
Precision, Low Power, Rail-to-Rail Input/Output, High EMC performance Operational Amplifier
Ver.1.0
NL6000DCAE1D NISSHINBO-NL6000DCAE1D Datasheet
1Mb / 35P
Precision, Low Power, Rail-to-Rail Input/Output, High EMC performance Operational Amplifier
Ver.1.0
NL6002 NISSHINBO-NL6002 Datasheet
1Mb / 35P
Precision, Low Power, Rail-to-Rail Input/Output, High EMC performance Operational Amplifier
Ver.1.0
NL6002AFAE2D NISSHINBO-NL6002AFAE2D Datasheet
1Mb / 35P
Precision, Low Power, Rail-to-Rail Input/Output, High EMC performance Operational Amplifier
Ver.1.0
NL6002ANAE2D NISSHINBO-NL6002ANAE2D Datasheet
1Mb / 35P
Precision, Low Power, Rail-to-Rail Input/Output, High EMC performance Operational Amplifier
Ver.1.0
More results


Similar Description - NL6012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
Single Rail-to-Rail I/O Operational Amplifier
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
E-CMOS Corporation
EC5731 E-CMOS-EC5731 Datasheet
821Kb / 13P
350kHz, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
EC5761 E-CMOS-EC5761 Datasheet
451Kb / 13P
1.5M, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
logo
Zhaoxingwei Electronics...
ISL28130CHZ ZHAOXINGWEI-ISL28130CHZ Datasheet
1Mb / 11P
350kHz, Zero-Drift, CMOS,Rail-to-Rail Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com