Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2355045 Datasheet (PDF) - TE Connectivity Ltd

2355045 Datasheet PDF - TE Connectivity Ltd
Part # 2355045
Download  2355045 Download
File Size   1816.71 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description AMPMODU 2mm BREAKAWAY HEADER

2355045 Datasheet (PDF)

Go To PDF Page Download Datasheet
2355045 Datasheet PDF - TE Connectivity Ltd

Part # 2355045
Download  2355045 Click to download

File Size   1816.71 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description AMPMODU 2mm BREAKAWAY HEADER

2355045 Datasheet (HTML) - TE Connectivity Ltd


2355045 Product details

KEY FEATURES
• Centerline: 2.00mm [0.079”]
• Contact Dimension: 0.50mm [0.02”] square pins
• Connector Size: 2-25 positions per row, available in single and double row
• PCB Thickness: 1.6mm to 2.4mm [0.063” to 0.094”]
• Environmental: Operating Environment Class III

APPLICATIONS
• PLC
• Servo Drives
• Industrial Controls
• Material Handling
• Instrumentation and Test Equipment
• Building Automation




Similar Part No. - 2355045

ManufacturerPart #DatasheetDescription
logo
Littelfuse
235500P LITTELFUSE-235500P Datasheet
191Kb / 2P
5 x 20 mm Fast-Acting Fuse
More results


Similar Description - 2355045

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
YFAW200 YEONHO-YFAW200 Datasheet
251Kb / 1P
Pin Header : 2mm PITCH
YFW200 YEONHO-YFW200 Datasheet
244Kb / 1P
Pin Header : 2mm pitch
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
826469-3 MACOM-826469-3 Datasheet
209Kb / 2P
AMPMODU II / AMPMODU IV
1241050-7 MACOM-1241050-7 Datasheet
908Kb / 3P
AMPMODU II PIN HEADER PACKED IN BLISTER AMPMODU II STIFTLEISTE VERPACKT IN BLISTER
5-1375582-9 MACOM-5-1375582-9 Datasheet
385Kb / 2P
AMPMODU MTE SURFACE MOUNT. VERTICAL HEADER ASSEMBLY
logo
List of Unclassifed Man...
280389-1 ETC2-280389-1 Datasheet
194Kb / 1P
AMPMODU HEADER ASS.IES,R,ANGLE,DOUBLE ROW
26640601RP2 ETC2-26640601RP2 Datasheet
53Kb / 1P
2mm DUAL HEADER STRIP STRAIGHT
logo
Tyco Electronics
5-1375582-4 MACOM-5-1375582-4 Datasheet
385Kb / 2P
AMPMODU MTE SURFACE MOUNT. VERTICAL HEADER ASSEMBLY
logo
Harwin Plc
M22-2200245 HARWIN-M22-2200245 Datasheet
74Kb / 1P
2mm VERTICAL SHROUDED PIN HEADER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com