Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72755D0050H062 Datasheet (PDF) - EPCOS

B72755D0050H062 Datasheet PDF - EPCOS
Part # B72755D0050H062
Download  B72755D0050H062 Download
File Size   562.17 Kbytes
Page   22 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description High-speed series

B72755D0050H062 Datasheet (PDF)

Go To PDF Page Download Datasheet
B72755D0050H062 Datasheet PDF - EPCOS

Part # B72755D0050H062
Download  B72755D0050H062 Click to download

File Size   562.17 Kbytes
Page   22 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description High-speed series

B72755D0050H062 Datasheet (HTML) - EPCOS


B72755D0050H062 Product details

Features
Very low capacitance values 0.6 up to 10 pF
ESD protection to IEC 61000-4-2, level 4
Bidirectional ESD protection in one component
No change in ESD protection performance at temperatures
up to 85 °C (temperature derating)
Low parasitic inductance
Low leakage current
Fast response time <0.5 ns
Lead-free nickel barrier terminations suitable for lead-free soldering
RoHS-compatible

Applications
Interfaces, data lines (USB, IEEE 1394, Ethernet, parallel port,
SATA, DisplayPort, etc.), audio lines (digital) and video lines
(analog), DVI, HDMI, ICs and I/O ports
Consumer electronic products (TV, DVD player/recorder, set-top
box, game consoles, MP3 player, digital still/video camera, etc.)
EDP products (desktop and notebook computer, monitor, PDA,
printer, memory card, control unit, head set, speaker, HDD, optical
drive, etc.)
Industrial applications
Mobile phone applications




Similar Part No. - B72755D0050H062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72755D0050H062 EPCOS-B72755D0050H062 Datasheet
562Kb / 22P
CeraDiodes
B72755D0050H062 EPCOS-B72755D0050H062 Datasheet
556Kb / 22P
High-speed series
B72755D0050H062 EPCOS-B72755D0050H062 Datasheet
567Kb / 22P
CeraDiodes
B72755D0050H062 EPCOS-B72755D0050H062_12 Datasheet
556Kb / 22P
High-speed series
More results


Similar Description - B72755D0050H062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72755D0050H062 EPCOS-B72755D0050H062_12 Datasheet
556Kb / 22P
High-speed series
logo
Integrated Device Techn...
IDT7006SL IDT-IDT7006SL Datasheet
188Kb / 20P
HIGH-SPEED HIGH-SPEED STATIC RAM
logo
EPCOS
B72590D EPCOS-B72590D Datasheet
556Kb / 22P
High-speed series
logo
Samtec, Inc
LSS-110-02-F-DV-A SAMTEC-LSS-110-02-F-DV-A Datasheet
265Kb / 1P
High-speed/High-density HIGH-SPEED HERMAPHRODITIC STRIP
logo
STMicroelectronics
STGW80H65DFB STMICROELECTRONICS-STGW80H65DFB Datasheet
978Kb / 18P
High speed switching series
17-Nov-2016
STGWA40H65DFB STMICROELECTRONICS-STGWA40H65DFB Datasheet
967Kb / 17P
High speed switching series
06-Jun-2016
logo
Littelfuse
L15S LITTELFUSE-L15S Datasheet
680Kb / 10P
L15S SERIES TRADITIONAL HIGH-SPEED
Rev: 041819
L25S LITTELFUSE-L25S Datasheet
608Kb / 11P
L25S SERIES TRADITIONAL HIGH-SPEED
Rev: 050319
L50S LITTELFUSE-L50S Datasheet
696Kb / 7P
L50S SERIES HIGH-SPEED FUSE
Rev: 082615
L70S LITTELFUSE-L70S Datasheet
721Kb / 7P
L70S SERIES HIGH-SPEED FUSE
Rev: 021815
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com