Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4953B Datasheet (PDF) - A POWER MICROELECTRONICS

AP4953B Datasheet PDF - A POWER MICROELECTRONICS
Part # AP4953B
Download  AP4953B Download
File Size   1536.09 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -20V PP-Channel Enhancement Mode MOSFET

AP4953B Datasheet (PDF)

Go To PDF Page Download Datasheet
AP4953B Datasheet PDF - A POWER MICROELECTRONICS

Part # AP4953B
Download  AP4953B Click to download

File Size   1536.09 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -20V PP-Channel Enhancement Mode MOSFET

AP4953B Datasheet (HTML) - A POWER MICROELECTRONICS


AP4953B Product details

Features
- VDS = -20V ID =-6.5A
- RDS(ON) < 55mΩ @ VGS=4.5V(Type:43mΩ)

Applications
- Lithium battery protection
- Wireless impact
- Mobile phone fast charging
- -20
- ±12




Similar Part No. - AP4953B

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP4953A APME-AP4953A Datasheet
1Mb / 7P
-30V PP-Channel Enhancement Mode MOSFET
AP4953C APME-AP4953C Datasheet
1Mb / 7P
-20V PP-Channel Enhancement Mode MOSFET
REV1.0
logo
Advanced Power Electron...
AP4953D A-POWER-AP4953D Datasheet
71Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4953GM A-POWER-AP4953GM Datasheet
70Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4953GM A-POWER-AP4953GM Datasheet
207Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Similar Description - AP4953B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com