Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4953B Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP4953B
Description  -20V PP-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP4953B Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP4953B Datasheet HTML 1Page - A POWER MICROELECTRONICS AP4953B Datasheet HTML 2Page - A POWER MICROELECTRONICS AP4953B Datasheet HTML 3Page - A POWER MICROELECTRONICS AP4953B Datasheet HTML 4Page - A POWER MICROELECTRONICS AP4953B Datasheet HTML 5Page - A POWER MICROELECTRONICS AP4953B Datasheet HTML 6Page - A POWER MICROELECTRONICS AP4953B Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP4953B
-20V P+P-Channel Enhancement Mode MOSFET
AP4953B RVE:1.0
永源微電子科技有限公司
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP4953B
SOP-8L
AP4953B XXX YYYY
3000
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
V
VGS
Gate-Source Voltage
V
ID@TA=25
℃
Continuous Drain Current, -VGS @ -10V1
-6.5
A
ID@TA=70
℃
Continuous Drain Current, -VGS @ -10V1
-3.9
A
IDM
Pulsed Drain Current2
-14
A
PD@TA=25
℃
Total Power Dissipation4
1.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
85
℃/W
RθJC
Thermal Resistance Junction-Case1
25
℃/W
Description
The AP4953B uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -20V ID =-6.5A
RDS(ON) < 55mΩ @ VGS=4.5V(Type:43mΩ)
Application
Lithium battery protection
Wireless impact
Mobile phone fast charging
-20
±12


Similar Part No. - AP4953B

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP4953A APME-AP4953A Datasheet
1Mb / 7P
-30V PP-Channel Enhancement Mode MOSFET
AP4953C APME-AP4953C Datasheet
1Mb / 7P
-20V PP-Channel Enhancement Mode MOSFET
REV1.0
logo
Advanced Power Electron...
AP4953D A-POWER-AP4953D Datasheet
71Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4953GM A-POWER-AP4953GM Datasheet
70Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4953GM A-POWER-AP4953GM Datasheet
207Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP4953B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com