Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K121B5 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

RP112K121B5 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # RP112K121B5
Download  RP112K121B5 Download
File Size   1242.43 Kbytes
Page   35 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low Noise 150 mA LDO Regulator

RP112K121B5 Datasheet (PDF)

Go To PDF Page Download Datasheet
RP112K121B5 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # RP112K121B5
Download  RP112K121B5 Click to download

File Size   1242.43 Kbytes
Page   35 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low Noise 150 mA LDO Regulator

RP112K121B5 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


RP112K121B5 Product details

FEATURES
• Supply Current ................................................... Typ. 75 A
• Standby Current ................................................. Typ. 0.1 A
• Dropout Voltage .................................................. Typ. 0.20 V (IOUT = 150 mA, VOUT = 2.8 V)
• Ripple Rejection ................................................. Typ. 80 dB (f = 1 kHz)
Typ. 75 dB (f = 10 kHz)
Typ. 65 dB (f = 100 kHz)
• Output Voltage Accuracy .................................... ±1.0%
• Output Voltage Temperature Coefficient .............. Typ. ±30 ppm/C
• Line Regulation .................................................. Typ. 0.02%/V
• Packages ........................................................... DFN(PL)1010-4, SC-88A, SOT-23-5
• Input Voltage Range ........................................... 2.0 V to 5.25 V
• Output Voltage Range ........................................ 1.2 V to 4.8 V (0.1 V step)
• Short Current Limit ............................................. Typ. 40 mA
• Built-in Foldback Protection Circuit
• Output Noise ...................................................... Typ. 10 μVrms
• Ceramic capacitors are recommended to be used with this IC .... 1.0 F or more




Similar Part No. - RP112K121B5

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP112K121B5 RICOH-RP112K121B5 Datasheet
888Kb / 32P
Low Noise 150mA LDO REGULATOR
April 1, 2012
More results


Similar Description - RP112K121B5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
150 mA, Low-Noise LDO Voltage Regulator
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
150-mA Ultra Low-Noise LDO Regulator With Discharge Option
29-Mar-04
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
150 mA Low-Noise LDO Regulator
09/14/21
logo
Nisshinbo Micro Devices...
R1114N NISSHINBO-R1114N Datasheet
467Kb / 26P
Low Noise 150 mA LDO Regulator for Automotive Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com