Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8V79S683 Datasheet (PDF) - Renesas Technology Corp

8V79S683 Datasheet PDF - Renesas Technology Corp
Part # 8V79S683_V01
Download  8V79S683 Download
File Size   1951.31 Kbytes
Page   53 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description JESD204B/C Compliant Fanout Buffer and Divider

8V79S683 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V79S683 Datasheet PDF - Renesas Technology Corp

Part # 8V79S683_V01
Download  8V79S683 Click to download

File Size   1951.31 Kbytes
Page   53 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description JESD204B/C Compliant Fanout Buffer and Divider

8V79S683 Datasheet (HTML) - Renesas Technology Corp


8V79S683 Product details

▪ Distribution, fanout, phase-delay of clock and SYSREF signals
▪ Very low output noise floor: -158.8dBc/Hz noise floor
(245.76MHz)
▪ Supports clock frequencies up to 3GHz, including clock output
frequencies of 983.04MHz, 491.52MHz, 245.76MHz, and
122.88MHz
▪ Four output channels with a total of 16 differential outputs
▪ Each channel contains frequency dividers and clock phase delay
circuits
▪ Phase alignment mode across multiple buffers with any frequency
divider setting
▪ Flexible differential outputs (LVDS/LVPECL/amplitude
configurable)
▪ Configuration through 3-wire SPI interface
▪ Supply voltage:
— 3.3V core and signal I/O
— 1.8V Digital control SPI I/O (3.3V-tolerant inputs)
▪ 64-VFQFPN package (9 × 9 × 0.85 mm)
▪ Ambient temperature range: -40°C to +105°C (case)




Similar Part No. - 8V79S683_V01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V79S683 RENESAS-8V79S683 Datasheet
1Mb / 53P
JESD204B/C Compliant Fanout Buffer and Divider
September 13, 2021
More results


Similar Description - 8V79S683_V01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87004BGI-03LF IDT-ICS87004BGI-03LF Datasheet
254Kb / 12P
LVCMOS/LVTTL FANOUT BUFFER/DIVIDER
8V79S680 IDT-8V79S680 Datasheet
736Kb / 52P
JESD204B Compliant Fanout Buffer and Divider
8V79S680 IDT-8V79S680_17 Datasheet
698Kb / 49P
JESD204B-Compliant Fanout Buffer and Divider
logo
Renesas Technology Corp
8T49NS010 RENESAS-8T49NS010 Datasheet
925Kb / 38P
Clock Synthesizer and Fanout Buffer/Divider
10/15/15
8T73S1802 RENESAS-8T73S1802 Datasheet
1Mb / 25P
1:2 Clock Fanout Buffer and Frequency Divider
January 21, 2018
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
8V74S4622 RENESAS-8V74S4622 Datasheet
587Kb / 17P
Clock Fanout Buffer/Frequency Divider
05/11/15
8V79S680 RENESAS-8V79S680 Datasheet
1Mb / 46P
JESD204B Compliant Fanout Buffer and Divider
January 11, 2019
8V79S683 RENESAS-8V79S683 Datasheet
1Mb / 53P
JESD204B/C Compliant Fanout Buffer and Divider
September 13, 2021
ICS87004I-03 RENESAS-ICS87004I-03 Datasheet
367Kb / 16P
LVCMOS/ LVTTL Fanout Buffer/ Divider
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com